Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31PX Datasheet (PDF) - STMicroelectronics

STMPE16M31PX Datasheet PDF - STMicroelectronics
Part # STMPE16M31PX
Download  STMPE16M31PX Download
File Size   669.38 Kbytes
Page   75 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description S-Touch® 16-channel touchkey controller with proximity sensing

STMPE16M31PX Datasheet (PDF)

Go To PDF Page Download Datasheet
STMPE16M31PX Datasheet PDF - STMicroelectronics

Part # STMPE16M31PX
Download  STMPE16M31PX Click to download

File Size   669.38 Kbytes
Page   75 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description S-Touch® 16-channel touchkey controller with proximity sensing

STMPE16M31PX Datasheet (HTML) - STMicroelectronics


STMPE16M31PX Product details

Description
The STMPE16M31PX capacitive touchkey controllers offer highly versatile and flexible capacitive sensing capabilities in one single chip. The devices integrate up to 16 capacitive sensing channels which are highly sensitive and noise tolerant. Eight independent PWM controllers allow to control up to 16 LEDs with brightness control, ramping and blinking capabilities. The I2C interface supports up to 400 kHz communication with the system host. A very wide dynamic range allows most applications to work without hardware tuning. A single STMPE16M31PX device can be used to implement a complete notebook multimedia control bar with eight capacitive touchkeys, proximity sensor with sensitivity up to 5 cm and eight independently controlled LED. QFN32 (4 x 4 mm)

Features
■ Up to 16 capacitive sensor inputs
■ Independent and configurable automatic calibration on all channels
■ Proximity sensing capability for over 3 cm distance
■ 15 fF resolution, 512 steps with 30 pF auto- tuning
■ Up to 30 pF external reference capacitor
■ PWM and GPIO: – Up to 16 general purpose inputs/outputs – 8 independent PWM controllers, up to 16 PWM outputs – 12 mA sourcing/sinking on GPIO for LED driving (at 3.3 V VIO) – Maximum source/sink current 120 mA
■ Operating voltage: – 1.65 - 1.95 V (VCC, internally supplied) – 2.7- 5.5 V(VIO)
■ Low operating current: 300 µA in active mode, 40 µA in sleep mode and 5 µA in hibernate mode
■ I2C interface (up to 400 kHz). I2C is 3.3 V tolerant
■ 8 kV HBM ESD protection on all sensing pins

Applications
■ Multimedia bars in notebook computers
■ Portable media players and game consoles
■ Mobile phones and smartphones




Similar Part No. - STMPE16M31PX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE16M31 STMICROELECTRONICS-STMPE16M31 Datasheet
1,007Kb / 85P
S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
April 2011 Rev 4
STMPE16M31QTR STMICROELECTRONICS-STMPE16M31QTR Datasheet
1,007Kb / 85P
S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
April 2011 Rev 4
More results


Similar Description - STMPE16M31PX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTCH112 MICROCHIP-MTCH112_12 Datasheet
1Mb / 48P
Dual-Channel Proximity/Touch Controller
2012 11/27/12
logo
STMicroelectronics
STMPE24M31QTR STMICROELECTRONICS-STMPE24M31QTR Datasheet
1,007Kb / 85P
S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
18-Apr-2011
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
IQS211 ETC2-IQS211 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity/Touch Controller with movement detection
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
Single Channel Capacitive Proximity/Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
IQS316 ETC2-IQS316_15 Datasheet
1Mb / 28P
16 Touch Keys with distributed Proximity Sensing
logo
STMicroelectronics
STMPE16M31 STMICROELECTRONICS-STMPE16M31 Datasheet
1,007Kb / 85P
S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
April 2011 Rev 4
STMPE321 STMICROELECTRONICS-STMPE321 Datasheet
429Kb / 40P
3-channel capacitive touchkey controller
August 2009 Rev 3
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
25-Feb-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com