Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31 Datasheet (PDF) - STMicroelectronics

STMPE16M31 Datasheet PDF - STMicroelectronics
Part # STMPE16M31
Download  STMPE16M31 Download
File Size   1007.45 Kbytes
Page   85 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description S-Touch® 16/24-channel touchkey controller with PWM and ratio engines

STMPE16M31 Datasheet (PDF)

Go To PDF Page Download Datasheet
STMPE16M31 Datasheet PDF - STMicroelectronics

Part # STMPE16M31
Download  STMPE16M31 Click to download

File Size   1007.45 Kbytes
Page   85 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description S-Touch® 16/24-channel touchkey controller with PWM and ratio engines

STMPE16M31 Datasheet (HTML) - STMicroelectronics


STMPE16M31 Product details

Description
The STMPE16M31 and STMPE24M31 capacitive touchkey controllers offer highly versatile and flexible capacitive sensing capabilities in one single chip. The devices integrate up to 24 capacitive sensing channels which are highly sensitive and noise tolerant. Two units of hardwired ratiometric engines enable the implementation of a slider/wheel without external computations. Eight independent PWM controllers allow to control up to 16 LEDs with brightness control, ramping and blinking capabilities. The I2C interface supports up to 400 kHz communication with the system host. A very wide dynamic range allows most applications to work without hardware tuning. A single STMPE24M31 device can be used to implement a complete notebook multimedia control bar with eight capacitive touchkeys, an 8channel slider with 256 steps resolution and eight independently controlled LED. QFN40 (5 x 5 mm) QFN32 (4 x 4 mm)

Features
■ Up to 24 capacitive sensor inputs
■ Independent and configurable automatic calibration on all channels
■ 15 fF resolution, 512 steps with 30 pF auto- tuning
■ Up to 30 pF external reference capacitor
■ 2 units of 8-input ratiometric engines supporting 256 steps slider/wheel
■ PWM and GPIO: – Up to 16 general purpose inputs/outputs – 8 independent PWM controllers, up to 16 PWM outputs – 12 mA sourcing/sinking on GPIO for LED driving (at 3.3 V VIO) – Maximum source/sink current 120 mA
■ Operating voltage: – 1.65 - 1.95 V (VCC, internally supplied) – 2.7- 5.5 V(VIO)
■ Low operating current: 400 µA in active mode, 50 µA in sleep mode and 5 µA in hibernate mode
■ I2C interface (up to 400 kHz). I2C is 3.3 V tolerant
■ 8 kV HBM ESD protection on all sensing pins
■ 200V MM ESD protection on all pins

Applications
■ Multimedia bars in notebook computers
■ Portable media players and game consoles
■ Mobile phones and smartphones




Similar Part No. - STMPE16M31

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE16M31PX STMICROELECTRONICS-STMPE16M31PX Datasheet
669Kb / 75P
S-Touch® 16-channel touchkey controller with proximity sensing
January 2011 Rev 2
STMPE16M31PXQTR STMICROELECTRONICS-STMPE16M31PXQTR Datasheet
669Kb / 75P
S-Touch® 16-channel touchkey controller with proximity sensing
January 2011 Rev 2
More results


Similar Description - STMPE16M31

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT60240 QUANTUM-QT60240 Datasheet
609Kb / 26P
16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
logo
STMicroelectronics
STMPE821 STMICROELECTRONICS-STMPE821 Datasheet
646Kb / 55P
8-bit Xpander Logic??with touchkey controller
10-Jun-2008
STMPE1208S STMICROELECTRONICS-STMPE1208S_08 Datasheet
721Kb / 51P
Xpander Logic with 12-channel touchkey
18-Jul-2008
STMPE24M31QTR STMICROELECTRONICS-STMPE24M31QTR Datasheet
1,007Kb / 85P
S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
18-Apr-2011
logo
List of Unclassifed Man...
QT60240-ATG ETC2-QT60240-ATG Datasheet
615Kb / 26P
16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
logo
Quantum Research Group
QT60160-ATG QUANTUM-QT60160-ATG Datasheet
615Kb / 26P
16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
logo
STMicroelectronics
STMPE16M31PX STMICROELECTRONICS-STMPE16M31PX Datasheet
669Kb / 75P
S-Touch® 16-channel touchkey controller with proximity sensing
January 2011 Rev 2
STMPE321 STMICROELECTRONICS-STMPE321 Datasheet
429Kb / 40P
3-channel capacitive touchkey controller
August 2009 Rev 3
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
25-Feb-2011
STMPE811 STMICROELECTRONICS-STMPE811_V01 Datasheet
558Kb / 66P
S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
18-Apr-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com