Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 5Page - STMicroelectronics STMPE16M31 Datasheet HTML 6Page - STMicroelectronics STMPE16M31 Datasheet HTML 7Page - STMicroelectronics STMPE16M31 Datasheet HTML 8Page - STMicroelectronics STMPE16M31 Datasheet HTML 9Page - STMicroelectronics STMPE16M31 Datasheet HTML 10Page - STMicroelectronics STMPE16M31 Datasheet HTML 11Page - STMicroelectronics STMPE16M31 Datasheet HTML 12Page - STMicroelectronics STMPE16M31 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
STMPE16M31, STMPE24M31
Pin assignment
Doc ID 16174 Rev 4
9/85
1.1
Power scheme
The STMPE24M31/16M31 is powered by a 2.7- 5.5 V supply. An internal voltage regulator
regulates this supply into 1.8 V for core operation. It is recommended to connect a 1 µF
capacitor at VCC pin for filtering purpose. The VIO powers all GPIOs directly, if any LED
driving is required on the GPIO, the VIO should be at least 3.3 V.
Figure 5.
Power supply scheme
1.2
Power states
The STMPE24M31/16M31 operate in 3 states. Table 4 illustrates the capability of the
device in each of the power states.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com