Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 67Page - STMicroelectronics STMPE16M31 Datasheet HTML 68Page - STMicroelectronics STMPE16M31 Datasheet HTML 69Page - STMicroelectronics STMPE16M31 Datasheet HTML 70Page - STMicroelectronics STMPE16M31 Datasheet HTML 71Page - STMicroelectronics STMPE16M31 Datasheet HTML 72Page - STMicroelectronics STMPE16M31 Datasheet HTML 73Page - STMicroelectronics STMPE16M31 Datasheet HTML 74Page - STMicroelectronics STMPE16M31 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
STMPE16M31, STMPE24M31
Maximum rating
Doc ID 16174 Rev 4
71/85
15
Maximum rating
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
15.1
Recommended operating conditions
Table 17.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.5
V
VIO
GPIO supply voltage
6
V
VESD
(HBM)
ESD protection on each GPIO/TOUCH pin
8
KV
VESD
(MM)
ESD protection on all pins
200
V
Table 18.
Recommended operating conditions
Symbol
Parameter
Value
Unit
Min
Max
VCC
Supply voltage
1.65
1.95
V
VIO
GPIO supply voltage
2.7
5.5
V
GPIO
GPIO input voltage
GND-0.5
VIO+0.5
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com