Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 14Page - STMicroelectronics STMPE16M31 Datasheet HTML 15Page - STMicroelectronics STMPE16M31 Datasheet HTML 16Page - STMicroelectronics STMPE16M31 Datasheet HTML 17Page - STMicroelectronics STMPE16M31 Datasheet HTML 18Page - STMicroelectronics STMPE16M31 Datasheet HTML 19Page - STMicroelectronics STMPE16M31 Datasheet HTML 20Page - STMicroelectronics STMPE16M31 Datasheet HTML 21Page - STMicroelectronics STMPE16M31 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 85 page
background image
Register map and function description
STMPE16M31, STMPE24M31
18/85
Doc ID 16174 Rev 4
6
Register map and function description
This section lists and describes the registers of the STMPE16M31 and STMPE24M31
devices, starting with a register map and then provides detailed descriptions of register
types.
Table 8.
Register map
Address
Register name
Reset value
I2C
Register function
0x00
CHIP_ID
0x2431
R
CHIP identification number
MSB: 0x24, LSB: 0x31
0x02
ID_VER
0x03
R
Version of device
Engineering samples:
0x01, 0x02
Final silicon: 0x03
0x03
SYSCON-1
0x00
RW
General system control
0x04
SYSCON-2
0xFE
RW
Sensor and PWM clock divider
0x06
INT_CTRL
0x00
RW
Interrupt control
0x08
INT_STA
0x00
RW
Interrupt status
0x09
INT_EN
0x00
RW
Interrupt enable
0x0A
GPIO_INT_STA
0x0000
RW
Interrupt status GPIO
0x0C
GPIO_INT_EN
0x0000
RW
Interrupt enable GPIO
0x0E
PWM_INT_STA
0x00
RW
Interrupt status PWM
0x0F
PWM_INT_EN
0x00
RW
Interrupt enable PWM
0x10
GPIO_DIR
0x0000
RW
GPIO direction setting
0x12
GPIO_MP_STA
0x0000
R
GPIO pin state monitor
0x14
GPIO_SET_PIN
0x0000
RW
GPIO set pin state
0x16
GPIO_ALT_FUN
0x0000
RW
GPIO alternate function
0x20
GPIO_0_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-0
0x21
GPIO_1_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-1
0x22
GPIO_2_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-2
0x23
GPIO_3_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-3
0x24
GPIO_4_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-4
0x25
GPIO_5_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-5
0x26
GPIO_6_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-6
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com