Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 21Page - STMicroelectronics STMPE16M31 Datasheet HTML 22Page - STMicroelectronics STMPE16M31 Datasheet HTML 23Page - STMicroelectronics STMPE16M31 Datasheet HTML 24Page - STMicroelectronics STMPE16M31 Datasheet HTML 25Page - STMicroelectronics STMPE16M31 Datasheet HTML 26Page - STMicroelectronics STMPE16M31 Datasheet HTML 27Page - STMicroelectronics STMPE16M31 Datasheet HTML 28Page - STMicroelectronics STMPE16M31 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
STMPE16M31, STMPE24M31
System controller
Doc ID 16174 Rev 4
25/85
7.1
Interrupt system
This module controls the interruption to the host based on the activity of other modules in
the system, such as the capacitive sensing, GPIO and PWM modules.
Figure 9.
Interrupt system
Table 10.
Interrupt system registers
Address
Register name
Reset value
R/W
Description
0x06
INT_CTRL
0x00
RW
Interrupt control register
0x08
INT_STA
0x00
RW
Interrupt status register
0x09
INT_EN
0x00
RW
Interrupt enable register
0x0A
GPIO_INT_STA
0x0000
RW
Interrupt status GPIO register
0x0C
GPIO_INT_EN
0x0000
RW
Interrupt enable GPIO register
0x0E
PWM_INT_STA
0x00
RW
Interrupt status PWM register
0x0F
PWM_INT_EN
0x00
RW
Interrupt enable PWM register
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com