Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 34Page - STMicroelectronics STMPE16M31 Datasheet HTML 35Page - STMicroelectronics STMPE16M31 Datasheet HTML 36Page - STMicroelectronics STMPE16M31 Datasheet HTML 37Page - STMicroelectronics STMPE16M31 Datasheet HTML 38Page - STMicroelectronics STMPE16M31 Datasheet HTML 39Page - STMicroelectronics STMPE16M31 Datasheet HTML 40Page - STMicroelectronics STMPE16M31 Datasheet HTML 41Page - STMicroelectronics STMPE16M31 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
PWM array controller
STMPE16M31, STMPE24M31
38/85
Doc ID 16174 Rev 4
GPIOn_PWM_CFG
PWM array controller
Address:
0x20-2F
Type:
RW
Reset:
0x00
Description:
This register controls the routing network which connects each PWM channel to any
GPIO channel. GPIOn_PWM_CFG register (n=0-15, represent the GPIO channel
number)
76
543
210
OUT_EN
RESERVED
OUT_IDLE
PWM_SEL
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7] OUT_EN:
Write ‘1’ to set the I/O (configured as GPIO) to operate as PWM Output. All GPIO register
setting will be by-passed.To get PWM output on this pin, the GPDR register should be set to
output.
[6:4] RESERVED
[3] OUT_IDLE:
Write ‘1’ to set the I/O state to HIGH after PWM sequence has been completed
Write ‘0’ to set the I/O state to LOW after PWM sequence has been completed
[2:0] PWM_SEL:
PWM controller selection
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com