Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 37Page - STMicroelectronics STMPE16M31 Datasheet HTML 38Page - STMicroelectronics STMPE16M31 Datasheet HTML 39Page - STMicroelectronics STMPE16M31 Datasheet HTML 40Page - STMicroelectronics STMPE16M31 Datasheet HTML 41Page - STMicroelectronics STMPE16M31 Datasheet HTML 42Page - STMicroelectronics STMPE16M31 Datasheet HTML 43Page - STMicroelectronics STMPE16M31 Datasheet HTML 44Page - STMicroelectronics STMPE16M31 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 85 page
background image
STMPE16M31, STMPE24M31
PWM controller
Doc ID 16174 Rev 4
41/85
PWM_n_SET
PWM-n setup register
Address:
0x40, 0x44, 0x48, 0x4C, 0x50, 0x54, 0x58, 0x5C
Type:
RW
Reset:
0x00
Description:
Setting of brightness, time unit and ramp-mode.
76
543
210
BRIGTHNESS
TIMING
RAMPMODE
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:4] BRIGHTNESS:
It defines the duty cycle during the ON period of the PWM channel output in no-ramp mode or
the highest duty cycle to be reached in ramp-mode. The PWM duty cycle determines the
brightness level of the LED that the PWM output drives.
‘0000’ : Duty cycle ratio 1:15 (6.25%, minimum brightness)
‘0001’: Duty cycle ratio 2:14 (12.50%)
‘0010’: Duty cycle ratio 3:13 (18.75%)
‘0011’: Duty cycle ratio 4:12 (25.00%)
‘0100’: Duty cycle ratio 5:11 (31.25%)
‘0101’: Duty cycle ratio 6:10 (37.50%)
‘0110’: Duty cycle ratio 7: 9 (43.75%)
‘0111’: Duty cycle ratio 8: 8 (50.00%)
‘1000’: Duty cycle ratio 9: 7 (56.25%)
‘1001’: Duty cycle ratio 10: 6 (62.50%)
‘1010’: Duty cycle ratio 11: 5 (68.75%)
‘1011’: Duty cycle ratio 12: 4 (75.00%)
“1100’: Duty cycle ratio 13: 3 (81.25%)
“1101’: Duty cycle ratio 14: 2 (87.50%)
‘1110’: Duty cycle ratio 15: 1 (93.75%)
‘1111’: Duty cycle ratio 16: 0 (100.00%, maximum brightness).
[3:1] TIMING:
It is the time unit from which the duration of the ON period and OFF period is defined in PWM-
N control register.
‘000’ =
20 ms
‘001’ =
40 ms
‘010’ =
80 ms
‘011’ = 160 ms
‘100’ = 320 ms
‘101’ = 640 ms
‘110’ = 1280 ms
‘111’ = 2560 ms
[0] RAMP MODE:
Write ‘1’ to enable ramp-mode
Write ‘0’ to disable ramp-mode which in this setting the output goes to the set brightness level
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com