Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 70Page - STMicroelectronics STMPE16M31 Datasheet HTML 71Page - STMicroelectronics STMPE16M31 Datasheet HTML 72Page - STMicroelectronics STMPE16M31 Datasheet HTML 73Page - STMicroelectronics STMPE16M31 Datasheet HTML 74Page - STMicroelectronics STMPE16M31 Datasheet HTML 75Page - STMicroelectronics STMPE16M31 Datasheet HTML 76Page - STMicroelectronics STMPE16M31 Datasheet HTML 77Page - STMicroelectronics STMPE16M31 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 85 page
background image
Application information
STMPE16M31, STMPE24M31
74/85
Doc ID 16174 Rev 4
17
Application information
17.1
Average current consumption
In application, it is unlikely that touch event occurs 100% of the time. Power consumption for
STMPExxM31 can be reduced significantly with the proper use of the available device Sleep
mode. The device can be programmed into Sleep mode upon detecting of the finger lift.
During the Sleep mode, upon detecting a touch, STMPExxM31 goes from Sleep to Active
mode after 15 ms.
As such, for an example touch profiles in Figure 20 below, the Average current consumption
over the 6 seconds is:
= [(0.185+0.285+0.285) * 400 uA + ( 5.245 * 50 uA)]/6
= 94 uA.
Figure 20.
Average current consumption
AM08687V1
0.3s
0.5s
0.8s
1.1s
2.3s 2.6s
0.0s
6.0s
50uA
400uA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com