Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 44Page - STMicroelectronics STMPE16M31 Datasheet HTML 45Page - STMicroelectronics STMPE16M31 Datasheet HTML 46Page - STMicroelectronics STMPE16M31 Datasheet HTML 47Page - STMicroelectronics STMPE16M31 Datasheet HTML 48Page - STMicroelectronics STMPE16M31 Datasheet HTML 49Page - STMicroelectronics STMPE16M31 Datasheet HTML 50Page - STMicroelectronics STMPE16M31 Datasheet HTML 51Page - STMicroelectronics STMPE16M31 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 85 page
background image
Touch sensor controller
STMPE16M31, STMPE24M31
48/85
Doc ID 16174 Rev 4
13
Touch sensor controller
The STMPE16M31 and STMPE24M31 devices use the STMicroelectronics’ patent pending
capacitive front end. The capacitive sensor is configure by the following registers:
Table 13.
Touch sensor controller registers
Address
Register Name
Reset Value
R/W
Description
0x70
CH_SEN_CTRL
0x00
RW
Capacitive sensor control
0x71
RATIO_ENG_REPT
_CTRL
0x00
RW
Ratio engine report control
(only available in final silicon)
0x72
CH_SEL
0x00000000
RW
Selects active capacitive channels
0x76
CAL_INT
0x00
RW
10ms – 64S calibration interval
0x77
CAL_MOD
0x00
RW
Selects calibration model
0x78
MAF_SET
0x00
RW
Median averaging filter (MAF) setting
0x7C
DATA_TYPE
0x00
RW
Selects type of data available in
channel data ports.
0x01: TVR
0x02: EVR
0x03: Channel delay
0x04: Impedance (13-bit)
0x05: Calibrated impedance (13-bit)
0x06: Locked impedance (13-bit)
0xC0-0xEF
CH_DATA-n
0x0000
R/W
Channel data based on channel data
type
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com