Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC15H12-Y Datasheet (PDF) - STMicroelectronics

STPSC15H12-Y Datasheet PDF - STMicroelectronics
Part # STPSC15H12-Y
Download  STPSC15H12-Y Download
File Size   408.12 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Robust high voltage periphery

STPSC15H12-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC15H12-Y Datasheet PDF - STMicroelectronics

Part # STPSC15H12-Y
Download  STPSC15H12-Y Click to download

File Size   408.12 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Robust high voltage periphery

STPSC15H12-Y Datasheet (HTML) - STMicroelectronics


STPSC15H12-Y Product details

Description
The SiC diode, available in TO-220AC, is an ultrahigh performance power Schottky rectifier. It is manufactured using a silicon carbide substrate. The wide band-gap material allows the design of a low VF Schottky diode structure with a 1200 V rating. Due to the Schottky construction, no recovery is shown at turn-off and ringing patterns are negligible. The minimal capacitive turn-off behavior is independent of temperature. Especially suited for use in PFC and secondary side applications, this ST SiC diode will boost the performance in hard switching conditions. This rectifier will enhance the performance of the targeted application. Its high forward surge capability ensures a good robustness during transient phases.




Similar Part No. - STPSC15H12-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC15H12 STMICROELECTRONICS-STPSC15H12 Datasheet
435Kb / 8P
1200 V power Schottky silicon carbide diode
10-May-2016
STPSC15H12D STMICROELECTRONICS-STPSC15H12D Datasheet
435Kb / 8P
1200 V power Schottky silicon carbide diode
10-May-2016
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
More results


Similar Description - STPSC15H12-Y

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-B05 EVERLIGHT-EHP-B05_12 Datasheet
1Mb / 27P
Robust package with high lumens
logo
STMicroelectronics
RT2901H STMICROELECTRONICS-RT2901H Datasheet
749Kb / 11P
RobuST high-temperature low-power quad voltage comparators
08-Oct-2014
RT2903H STMICROELECTRONICS-RT2903H Datasheet
253Kb / 11P
RobuST low-power dual voltage comparators
08-Oct-2014
logo
TT Electronics.
CDR TTELEC-CDR Datasheet
322Kb / 3P
Robust terminations
logo
Maxim Integrated Produc...
MAX17525 MAXIM-MAX17525 Datasheet
586Kb / 20P
Robust, High-Power Protection Reduces System
Rev 0; 6/16
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111 Datasheet
2Mb / 12P
Robust High Strength Super Magnet Mount
logo
STMicroelectronics
STPSC20H12-Y STMICROELECTRONICS-STPSC20H12-Y Datasheet
532Kb / 10P
Robust high voltage periphery
23-Jan-2017
STPSC30H12C STMICROELECTRONICS-STPSC30H12C Datasheet
432Kb / 9P
Robust high voltage periphery
15-Feb-2017
STPSC40H12C STMICROELECTRONICS-STPSC40H12C Datasheet
430Kb / 10P
Robust high voltage periphery
28-Feb-2017
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
Robust package
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com