Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC30H12C Datasheet (PDF) - STMicroelectronics

STPSC30H12C Datasheet PDF - STMicroelectronics
Part # STPSC30H12C
Download  STPSC30H12C Download
File Size   432.46 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Robust high voltage periphery

STPSC30H12C Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC30H12C Datasheet PDF - STMicroelectronics

Part # STPSC30H12C
Download  STPSC30H12C Click to download

File Size   432.46 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Robust high voltage periphery

STPSC30H12C Datasheet (HTML) - STMicroelectronics


STPSC30H12C Product details

Description
The SiC diode, available in TO-247 LL, is an ultrahigh performance power Schottky rectifier. It is manufactured using a silicon carbide substrate. The wide band-gap material allows the design of a low VF Schottky diode structure with a 1200 V rating. Due to the Schottky construction, no recovery is shown at turn-off and ringing patterns are negligible. The minimal capacitive turn-off behavior is independent of temperature. Especially suited for use in PFC and secondary side applications, this ST SiC diode will boost the performance in hard switching conditions. This rectifier will enhance the performance of the targeted application. Its high forward surge capability ensures a good robustness during transient phases.




Similar Part No. - STPSC30H12C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC30G065 STMICROELECTRONICS-STPSC30G065 Datasheet
659Kb / 10P
650 V, 30 A high surge silicon carbide power Schottky diode
25-Sep-2025
STPSC30G065-Y STMICROELECTRONICS-STPSC30G065-Y Datasheet
661Kb / 10P
Automotive 650 V, 30 A high surge silicon carbide power Schottky diode
17-Sep-2025
STPSC30G065L2Y STMICROELECTRONICS-STPSC30G065L2Y Datasheet
567Kb / 11P
Automotive 650 V, 30 A high surge silicon carbide power Schottky diode
24-Jun-2025
STPSC30G065W STMICROELECTRONICS-STPSC30G065W Datasheet
659Kb / 10P
650 V, 30 A high surge silicon carbide power Schottky diode
25-Sep-2025
STPSC30G065WLY STMICROELECTRONICS-STPSC30G065WLY Datasheet
661Kb / 10P
Automotive 650 V, 30 A high surge silicon carbide power Schottky diode
17-Sep-2025
More results


Similar Description - STPSC30H12C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-B05 EVERLIGHT-EHP-B05_12 Datasheet
1Mb / 27P
Robust package with high lumens
logo
STMicroelectronics
RT2901H STMICROELECTRONICS-RT2901H Datasheet
749Kb / 11P
RobuST high-temperature low-power quad voltage comparators
08-Oct-2014
RT2903H STMICROELECTRONICS-RT2903H Datasheet
253Kb / 11P
RobuST low-power dual voltage comparators
08-Oct-2014
logo
TT Electronics.
CDR TTELEC-CDR Datasheet
322Kb / 3P
Robust terminations
logo
Maxim Integrated Produc...
MAX17525 MAXIM-MAX17525 Datasheet
586Kb / 20P
Robust, High-Power Protection Reduces System
Rev 0; 6/16
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111 Datasheet
2Mb / 12P
Robust High Strength Super Magnet Mount
logo
STMicroelectronics
STPSC15H12-Y STMICROELECTRONICS-STPSC15H12-Y Datasheet
408Kb / 8P
Robust high voltage periphery
05-Jan-2017
STPSC20H12-Y STMICROELECTRONICS-STPSC20H12-Y Datasheet
532Kb / 10P
Robust high voltage periphery
23-Jan-2017
STPSC40H12C STMICROELECTRONICS-STPSC40H12C Datasheet
430Kb / 10P
Robust high voltage periphery
28-Feb-2017
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
Robust package
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com