Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC30G065 Datasheet (PDF) - STMicroelectronics

STPSC30G065 Datasheet PDF - STMicroelectronics
Part # STPSC30G065
Download  STPSC30G065 Download
File Size   659.24 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 30 A high surge silicon carbide power Schottky diode

STPSC30G065 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC30G065 Datasheet PDF - STMicroelectronics

Part # STPSC30G065
Download  STPSC30G065 Click to download

File Size   659.24 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 30 A high surge silicon carbide power Schottky diode

STPSC30G065 Datasheet (HTML) - STMicroelectronics


STPSC30G065 Product details

Features
• No reverse recovery charge in application current range
• Switching behavior independent of temperature
• High forward surge current capability
• Operating Tj from -55 °C to 175 °C
• ECOPACK2 compliant component




Similar Part No. - STPSC30G065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC30G065-Y STMICROELECTRONICS-STPSC30G065-Y Datasheet
661Kb / 10P
Automotive 650 V, 30 A high surge silicon carbide power Schottky diode
17-Sep-2025
STPSC30G065L2Y STMICROELECTRONICS-STPSC30G065L2Y Datasheet
567Kb / 11P
Automotive 650 V, 30 A high surge silicon carbide power Schottky diode
24-Jun-2025
STPSC30G065WLY STMICROELECTRONICS-STPSC30G065WLY Datasheet
661Kb / 10P
Automotive 650 V, 30 A high surge silicon carbide power Schottky diode
17-Sep-2025
More results


Similar Description - STPSC30G065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
logo
ON Semiconductor
FFSH3065B-F085 ONSEMI-FFSH3065B-F085 Datasheet
336Kb / 6P
Silicon Carbide Schottky Diode, 650 V, 30 A
May, 2018 ??Rev. 3
logo
STMicroelectronics
STPSC10H065DLF STMICROELECTRONICS-STPSC10H065DLF Datasheet
387Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
March 2021
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC12065 STMICROELECTRONICS-STPSC12065 Datasheet
440Kb / 14P
650 V, 12 A power Schottky silicon carbide diode
25-Mar-2021
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
STPSC2H065 STMICROELECTRONICS-STPSC2H065 Datasheet
236Kb / 10P
650 V, 2 A high surge silicon carbide power Schottky diode
25-Apr-2019
logo
ON Semiconductor
FFSB3065B-F085 ONSEMI-FFSB3065B-F085_V01 Datasheet
344Kb / 7P
Silicon Carbide Schottky Diode 650 V, 30 A
March, 2022 - Rev. 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com