Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2 Datasheet (PDF) - Nais(Matsushita Electric Works)

SF2 Datasheet PDF - Nais(Matsushita Electric Works)
Part # SF2
Download  SF2 Download
File Size   338.3 Kbytes
Page   7 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation

SF2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2 Datasheet PDF - Nais(Matsushita Electric Works)

Part # SF2
Download  SF2 Click to download

File Size   338.3 Kbytes
Page   7 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation

SF2 Datasheet (HTML) - Nais(Matsushita Electric Works)


SF2 Product details

FEATURES
• Forced operation contacts (2 Form A 
   2 Form B, 3 Form A  1 Form B)
   N.O. and N.C. side contacts are
   connected through a card so that one
   interacts with the other in movement. In
   case of a contact welding, the other
   keeps a min. 0.5mm .020inch contact
   gap.
• Independent operation contacts  (4 Form A  4 Form B)
   Each pair of contacts is free from the
   main armature and is independent from
   each other. So if a N.O. pair of contacts
   are welded, the other 3 N.O. contacts are
   not effected (operate properly)  That
   enables to plan a circuit to detect welding
   or go back to the beginning condition.
• Separated chamber structure(2 Form A  2 Form B, 3 Form A  1 Form B,  4 Form A  4 Form B)
   N.O. and N.C. side contacts are put in
   each own space surrounded with a card
   and a body-separater. That prevents
   short circuit between contacts, which is
   caused by their springs welding or
   damaged.
• UL/CSA, TÜV, SEV approved
   (UL/CSA, SEV of SF3 pending)

TYPICAL APPLICATIONS
• Signal
• Escalator
• Elevator
• Medical Instruments
• Railway
• Factory Automation




Similar Part No. - SF2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF2 RECTRON-SF2 Datasheet
423Kb / 5P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SF2 RECTRON-SF2 Datasheet
372Kb / 6P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
logo
Honeywell Solid State E...
SF20 HONEYWELL-SF20 Datasheet
445Kb / 2P
STRAP-ON TEMPERATURE SENSORS
logo
Frontier Electronics.
SF20-005 FRONTIER-SF20-005 Datasheet
128Kb / 2P
2A SUPER FAST RECOVERY RECTIFIER
SF20-005-LFR FRONTIER-SF20-005-LFR Datasheet
128Kb / 2P
2A SUPER FAST RECOVERY RECTIFIER
More results


Similar Description - SF2

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SD2D-DC5V NAIS-SD2D-DC5V Datasheet
244Kb / 5P
POLARISED, MONOSTABLE SAFETY RELAY
logo
Tyco Electronics
V23040 MACOM-V23040 Datasheet
906Kb / 7P
For DC Operations, Polarised, Monostable or Bistable
V23040-A00001-B201 MACOM-V23040-A00001-B201 Datasheet
906Kb / 7P
For DC operations, polarised, monostable or bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
logo
PHOENIX CONTACT
102381 PHOENIX-102381 Datasheet
185Kb / 4P
Universal Safety Relay With Positively Driven Contacts
102862 PHOENIX-102862 Datasheet
329Kb / 7P
Safety Relay as a Contact Extension Block With Off-Delay Contacts
102987 PHOENIX-102987 Datasheet
347Kb / 7P
Safety Relay as a Contact Extension Block With Off-Delay Contacts
logo
First Silicon Co., Ltd
NE555B FS-NE555B Datasheet
710Kb / 5P
Astable or Monostable Operation
logo
Maxim Integrated Produc...
MAX20003EVKIT MAXIM-MAX20003EVKIT Datasheet
349Kb / 8P
Forced-PWM or Skip-Mode Operation
Rev 0; 5/14
logo
WAGO Kontakttechnik Gmb...
788-109 WAGO-788-109 Datasheet
199Kb / 6P
Relay socket; 2 changeover contacts; with manual operation;
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com