Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2 Datasheet(PDF) 6 Page - Nais(Matsushita Electric Works)

Part # SF2
Description  POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SF2 Datasheet(HTML) 6 Page - Nais(Matsushita Electric Works)

  SF2 Datasheet HTML 1Page - Nais(Matsushita Electric Works) SF2 Datasheet HTML 2Page - Nais(Matsushita Electric Works) SF2 Datasheet HTML 3Page - Nais(Matsushita Electric Works) SF2 Datasheet HTML 4Page - Nais(Matsushita Electric Works) SF2 Datasheet HTML 5Page - Nais(Matsushita Electric Works) SF2 Datasheet HTML 6Page - Nais(Matsushita Electric Works) SF2 Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
263
SF
The table below shows the state of the other contacts when the current through the welded form “a” contact is 0 V and the rated volt-
age is applied through the form “b” contact.
Contact Operation Table
No.4
No.3
No.1
No.2
Contact No.
No.1
No.2
No.3
No.4
Terminal No.
11–12
7–8
5–6
9–10
State of other contacts
1234
Welded
terminal
No.
1
>0.5
2
>0.5
3
>0.5
>0.5
>0.5
4
>0.5
Note: Contact gaps are shown at the initial state.
If the contacts change state owing to loading/breaking
it is necessary to check the actual loading.
>0.5: contact gap is kept at min. 0.5 mm .020 inch
Empty cells: either closed or open
Contact No.
Contact No.
If the No. 3 contact welds.
Each of the two form “a” contacts (Nos. 1, 2, and
4) maintain a gap of greater than 0.5 mm .020
inch.
No.4
No.3
No.1
No.2
Non-energized
No.4
No.3
No.1
No.2
Energized (when no. 3 contact is welded)
When the form “a” contacts (nos. 1, 2, and 4) weld, the armature remains in a non-returned state and the contact gap at the single
form “b” contact is maintained at greater than 0.5 mm .020 inch. Reliable isolation is thus ensured.
Form “a” Contact Weld
If the No. 2 contact welds.
The single form “b” contact (No. 3) maintains a
gap of greater than 0.5 mm .020 inch.
No.4
No.3
No.1
No.2
Energized
No.4
No.3
No.1
No.2
Non-energized (when no. 2 contact is welded)
2) 3a1b Type
If the form “b” contact (No. 3) welds, the armature becomes non-operational, the contact gaps at the three form “a” contacts are
maintained at greater than 0.5 mm .020 inch. Reliable isolation is thus ensured
Form “b” Contact Weld



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com