Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04 Datasheet (PDF) - STMicroelectronics

STCF04 Datasheet PDF - STMicroelectronics
Part # STCF04
Download  STCF04 Download
File Size   1514.77 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High power white LED SuperCap™ driver with I²C interface

STCF04 Datasheet (PDF)

Go To PDF Page Download Datasheet
STCF04 Datasheet PDF - STMicroelectronics

Part # STCF04
Download  STCF04 Click to download

File Size   1514.77 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High power white LED SuperCap™ driver with I²C interface

STCF04 Datasheet (HTML) - STMicroelectronics


STCF04 Product details

Description
The STCF04 is a dedicated and space optimized high efficiency solution for driving a flash LED module in cameras, phones, PDAs and other handheld devices using the SuperCap technology. It is based on a DC-DC buck-boost converter, which ensures a proper and efficient charging control and monitoring of the SuperCap in the whole battery voltage range. The output current control ensures a good current regulation over the forward voltage spread characteristics of the flash LEDs in Torch and Flash mode operation. The SuperCap charging current is limited to a defined value which avoids overload of the battery. The SuperCap discharge current flows through the LEDs and the external MOSFET which must be chosen according to the desired flash current. TFBGA25 (3 x 3 mm)

Features
■ Buck-boost converter with 1.5 A peak current limiting and synchronous rectification
■ Burst mode operation when output is charged
■ Input voltage range 2.5 V to 5.5 V
■ Programmable output charging voltage up to 5.5 V
■ Full I²C control
■ Operation modes: – Shutdown mode – Monitoring mode with NTC and SuperCap monitoring – Idle mode – Flash mode – Torch mode: up to 320 mA
■ Controlled LED current in all modes
■ Soft and hard triggering of Flash, Torch and Picture light modes
■ Torch dimming in 12 exponential steps
■ Flash dimming in 8 steps
■ Active balancing of SuperCap voltage
■ SuperCap status flag
■ Internally or externally timed flash operation
■ Digitally programmable safety timeout in Flash mode
■ Torch mode safety timeout
■ LED overtemperature detection and protection with external NTC resistor
■ Shorted LED failure detection and protection
■ Chip overtemperature detection and protection

Applications
■ Cell phones and smartphones
■ Camera flashes/strobe
■ PDAs and digital still cameras




Similar Part No. - STCF04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF04TBR STMICROELECTRONICS-STCF04TBR Datasheet
1Mb / 43P
High power white LED SuperCap??driver with I짼C interface
13-Sep-2012
More results


Similar Description - STCF04

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1509 YOBON-YB1509 Datasheet
96Kb / 7P
High-Power White LED Driver
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
High-Power White LED Driver
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
High power white LED driver with I2C??interface
12-Sep-2007
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03I STMICROELECTRONICS-STCF03I Datasheet
450Kb / 33P
High power white LED driver with I2CTM interface
12-Sep-2007
STCF03I STMICROELECTRONICS-STCF03I_08 Datasheet
464Kb / 33P
High power white LED driver with I²C interface
10-Sep-2008
logo
Power Analog Micoelectr...
PAM2800 PAM-PAM2800 Datasheet
92Kb / 7P
High Power White LED Driver
logo
STMicroelectronics
STCF04TBR STMICROELECTRONICS-STCF04TBR Datasheet
1Mb / 43P
High power white LED SuperCap??driver with I짼C interface
13-Sep-2012
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
LM27966 White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF05 STMICROELECTRONICS-STCF05 Datasheet
405Kb / 33P
High power white LED driver with I²C interface
July 2010 Rev 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com