Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STCF04
Description  High power white LED SuperCap™ driver with I²C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STCF04 Datasheet HTML 5Page - STMicroelectronics STCF04 Datasheet HTML 6Page - STMicroelectronics STCF04 Datasheet HTML 7Page - STMicroelectronics STCF04 Datasheet HTML 8Page - STMicroelectronics STCF04 Datasheet HTML 9Page - STMicroelectronics STCF04 Datasheet HTML 10Page - STMicroelectronics STCF04 Datasheet HTML 11Page - STMicroelectronics STCF04 Datasheet HTML 12Page - STMicroelectronics STCF04 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
STCF04
Maximum ratings
Doc ID 022927 Rev 3
9/43
4
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VBAT, PVBAT
Signal supply voltage
- 0.3 to 6
V
VLX
Inductor connection
- 0.3 to 6
V
VOUT
SuperCap connection
- 0.3 to 6
V
VDCDC
DC-DC converter output
- 0.3 to 6
V
VMID
SuperCap middle pin connection
- 0.3 to 6
V
AUXLED
AUXLED connection
- 0.3 to 6
V
LED
LED connection
- 0.3 to 6
V
SCL, SDA, ATN, ADD,
READY, TORCH,
FLASH, RESET
Logic pins
- 0.3 to VBAT + 0.3
V
PVBAT
Power supply voltage
- 0.3 to VBAT + 0.3
V
DRIVE
External MOSFET drive
- 0.3 to 6
V
LSIN
Light sensor input
- 0.3 to 6
V
LSCON
Light sensor capacitor connection
- 0.3 to 6
V
RX
Connection for reference resistor
- 0.3 to 3
V
NTC
Connection for LED temperature sensing
- 0.3 to 3
V
ISENS
Flash regulator sensing connection
- 0.3 to 3
V
ESD
Human body model
± 2kV
PTOT
Continuous power dissipation (at TA=70 °C)
1
W
TOP
Operating junction temperature range
- 40 to 85
°C
TJ
Junction temperature
- 40 to 150
°C
TSTG
Storage temperature range
- 65 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient (1)
56
°C/W
1.
This parameter corresponds to the PCB board, 8 layers with 1 inch² of cooling area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com