Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STCF04
Description  High power white LED SuperCap™ driver with I²C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STCF04 Datasheet HTML 21Page - STMicroelectronics STCF04 Datasheet HTML 22Page - STMicroelectronics STCF04 Datasheet HTML 23Page - STMicroelectronics STCF04 Datasheet HTML 24Page - STMicroelectronics STCF04 Datasheet HTML 25Page - STMicroelectronics STCF04 Datasheet HTML 26Page - STMicroelectronics STCF04 Datasheet HTML 27Page - STMicroelectronics STCF04 Datasheet HTML 28Page - STMicroelectronics STCF04 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
STCF04
Description of the internal registers
Doc ID 022927 Rev 3
25/43
FTIM_0~4: these 5 bits define the maximum flash duration. It is intended to limit the energy
dissipated by the LED to a maximum safe value or to leave the control of the flash duration
to the STCF04 during normal operation. Values from 0~31 correspond to 0~410 ms
(according to
Table 13). The timing accuracy is related to the internal oscillator frequency
that clocks the flash time counter (+/- 20%). Entering Flash mode (either by soft or hard
triggering) activates the flash time counter, which begins counting down from the value
loaded in the F_TIM register. When the counter reaches zero, Flash mode is stopped by
resetting the TRIG_EN bit, and simultaneously, the ATN pin is set to true (LOW) to alert the
microprocessor that the maximum time has been reached. The FTIM value remains
unaltered at the end of the count.
9.3
AUX LED (AUX_REG) 02(hex)
AUXI_0~3: this 4-bit register defines the AUX LED current from 0 to 100 mA. See
Table 15
AUX LED dimming for reference. Loading any value between 1 and 11 also starts the AUX
LED current source timer, if enabled. The AUX LED current source is active only in Idle
mode, and is deactivated in any other mode.
AUXT_0~3: this 4-bit register controls the timer that defines the ON-time of the AUX LED
current source. ON-time starts when the AUXI register is loaded with any value other than
zero, and stops after the time defined in the AUXT register. Values from 0 to 14 of the AUXT
register correspond to an ON-time of the AUX LED ranging from 100 to 1500 ms in 100 ms
steps. The value 15 puts the AUX LED into the continuous light mode. The
activation/deactivation of the AUX LED current source is controlled using only the AUXI
register.
Table 13.
Flash time dimming register settings
FTIM_DIM(hex)
0
1
23456789
A
B
C
D
E
F
Flash length[ms]
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
90
FTIM_DIM(hex)
10
11
12131415
16171819
1A
1B
1C
1D
1E
1F
Flash length[ms]
110 130 150
170
190
210
230
250
270
290
310
330
350
370
390
410
Table 14.
AUX LED register
AUX_REG
(Write mode)
MSB
LSB
SUB ADD = 02
AUXI_3
AUXI_2
AUXI_1
AUXI_0
AUXT_3
AUXT_2
AUXT_1
AUXT_0
Power-ON,
Shutdown mode
RESET value
00
00
000
0
Table 15.
Auxiliary LED dimming table
AUXI (hex)
0
123456
789
A
B
AUX LED current
[mA]
0
6
10
15
20
25
33
40
53
67
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com