Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STCF04
Description  High power white LED SuperCap™ driver with I²C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STCF04 Datasheet HTML 7Page - STMicroelectronics STCF04 Datasheet HTML 8Page - STMicroelectronics STCF04 Datasheet HTML 9Page - STMicroelectronics STCF04 Datasheet HTML 10Page - STMicroelectronics STCF04 Datasheet HTML 11Page - STMicroelectronics STCF04 Datasheet HTML 12Page - STMicroelectronics STCF04 Datasheet HTML 13Page - STMicroelectronics STCF04 Datasheet HTML 14Page - STMicroelectronics STCF04 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
STCF04
Application
Doc ID 022927 Rev 3
11/43
Note:
The components listed above refer to a typical application. However, STCF04 operation is
not limited to the choice of these external components.
Table 5.
List of external components
Component
Manufacturer
Part number
Value
Size
L
Murata
LQM2HPN1R0MJC
1 µH / 1.5 A
2.5 x 2.0 x 1.1 mm
TDK
VLS252012T-1R0N1R7
1 µH / 1.7 A
2.5 x 2.0 x 1.2 mm
CIN, COUT
TDK
C1608X5R0J106MT
10 µF / 6.3 V
0603
Rx
Rohm
MCR01MZPJ15K
15 k
Ω
0402
NTC
Murata
NCP21WF104J03RA
100 k
Ω
0805
CSUP
Murata
DME2W5R5K404M
400 mF / 5.5 V
20.5 x 18.5 x 3 mm
TDK
EDLC152344
550 mF / 5.5 V
44 x 23 x 1.5 mm
EDLC272020
500 mF / 5.5 V
20 x 20 x 2.7 mm
CAP-xx
GS 2 19F
1.6 F / 5 V
40 x 17 mm
LED MODULE
Luxeon
4x LXCL-PWF4
White LED
0805
TFL
STMicroelectronics
STL8NH3LL
8 A / 12 m
Ω
3.3 x 3.3 x 0.9 mm
RFL
Tyco
TL2BR01FTE
0R01
1206
CINT
(1)
TDK
10 µF / 6.3 V
0402
RLIGHT*
Tyco
0402
TFOTO*
Vishay
TEMT6000
4 x 2 x 1 mm
AUXLED
Red LED
0603
CR
100 nF
0402
1.
Optional components for the auxiliary light sensor feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com