Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STCF04
Description  High power white LED SuperCap™ driver with I²C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STCF04 Datasheet HTML 24Page - STMicroelectronics STCF04 Datasheet HTML 25Page - STMicroelectronics STCF04 Datasheet HTML 26Page - STMicroelectronics STCF04 Datasheet HTML 27Page - STMicroelectronics STCF04 Datasheet HTML 28Page - STMicroelectronics STCF04 Datasheet HTML 29Page - STMicroelectronics STCF04 Datasheet HTML 30Page - STMicroelectronics STCF04 Datasheet HTML 31Page - STMicroelectronics STCF04 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Description of the internal registers
STCF04
28/43
Doc ID 022927 Rev 3
9.6
Torch register (TRCH_REG) 05(hex)
TTRCH_0~1: these bits define the Torch mode time.
TDIM_0~3: these 4 bits define the LED current in Torch mode with 12 values.
Table 22.
DC-DC converter coil peak current limit values
IDC_0
ICOIL (PEAK)
01.45 A
11.80 A
Table 23.
Torch register
VRID_REG
(Read mode)
MSB
LSB
SUB ADD=05
TTRCH1 TTRCH0
TDIM_3
TDIM_2
TDIM_1
TDIM_0
N/A
N/A
Power-ON, Shutdown
mode RESET value
000
00
00
0
Table 24.
Torch mode dimming registers settings
TDIM (hex)
0
12
345
6789
A
B
LED current [mA]
15
20
30
45
60
75
100
120
160
200
240
320
Internal step
1
2
3
4
5
6
7
8
9
10
11
12
Table 25.
The safety timeout for Torch mode
TTRCH1
TTRCH0
Torch time
0
0
Infinity
01
5s
10
10s
11
15s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com