Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP19NC60S Datasheet (PDF) - STMicroelectronics

STGP19NC60S Datasheet PDF - STMicroelectronics
Part # STGP19NC60S
Download  STGP19NC60S Download
File Size   423.41 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 A, 600 V fast IGBT

STGP19NC60S Datasheet (PDF)

Go To PDF Page Download Datasheet
STGP19NC60S Datasheet PDF - STMicroelectronics

Part # STGP19NC60S
Download  STGP19NC60S Click to download

File Size   423.41 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 A, 600 V fast IGBT

STGP19NC60S Datasheet (HTML) - STMicroelectronics


STGP19NC60S Product details

Description
This IGBT utilizes the advanced PowerMESH™
process resulting in an excellent trade-off
between switching performance and low on-state
behavior.

Features
■ Very low on-voltage drop (VCE(sat))
■ Minimum power losses at 5 kHz in hard
switching
■ Optimized performance for medium operating
frequencies.

Application
Medium frequency motor drives




Similar Part No. - STGP19NC60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP19NC60S STMICROELECTRONICS-STGP19NC60S Datasheet
289Kb / 14P
N-channel 600V - 20A - TO-220 Medium frequency PowerMESH IGBT
18-Sep-2007
STGP19NC60SD STMICROELECTRONICS-STGP19NC60SD Datasheet
535Kb / 15P
20 A, 600 V fast IGBT with Ultrafast diode
05-Nov-2010
More results


Similar Description - STGP19NC60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
40 A - 600 V - ultra fast IGBT
01-Feb-2008
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
30 A - 600 V - very fast IGBT
14-May-2008
logo
Fairchild Semiconductor
FGH20N60UFD FAIRCHILD-FGH20N60UFD_13 Datasheet
282Kb / 9P
600 V, 20 A Field Stop IGBT
FGH20N60UFDTU FAIRCHILD-FGH20N60UFDTU Datasheet
282Kb / 9P
600 V, 20 A Field Stop IGBT
FGAF20N60SMD FAIRCHILD-FGAF20N60SMD Datasheet
960Kb / 10P
600 V, 20 A Field Stop IGBT
logo
STMicroelectronics
STGP30NC60S STMICROELECTRONICS-STGP30NC60S Datasheet
497Kb / 15P
30 A, 600 V, fast IGBT
11-Nov-2010
STGD10NC60S STMICROELECTRONICS-STGD10NC60S Datasheet
1Mb / 18P
10 A, 600 V fast IGBT
17-Dec-2010
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
10 A, 600 V fast IGBT
14-Jun-2010
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
20 A, 600 V fast IGBT with Ultrafast diode
05-Nov-2010
logo
ON Semiconductor
FGH20N60SFDTU ONSEMI-FGH20N60SFDTU Datasheet
812Kb / 9P
IGBT - Field Stop 600 V, 20 A
February, 2020 - Rev. 3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com