Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW40V60F Datasheet (PDF) - STMicroelectronics

STGW40V60F Datasheet PDF - STMicroelectronics
Part # STGW40V60F
Download  STGW40V60F Download
File Size   1894.13 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop IGBT, V series 600 V, 40 A very high speed

STGW40V60F Datasheet (PDF)

Go To PDF Page Download Datasheet
STGW40V60F Datasheet PDF - STMicroelectronics

Part # STGW40V60F
Download  STGW40V60F Click to download

File Size   1894.13 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop IGBT, V series 600 V, 40 A very high speed

STGW40V60F Datasheet (HTML) - STMicroelectronics


STGW40V60F Product details

Description
This device is an IGBT developed using an advanced proprietary trench gate field stop structure. The device is part of the V series of IGBTs, which represent an optimum compromise between conduction and switching losses to maximize the efficiency of very high frequency converters. Furthermore, a positive VCE(sat) temperature coefficient and very tight parameter distribution result in safer paralleling operation. TO-247 1 2 3 D2PAK 1 3 TAB 1 1 2 3 TO-3PF 1 2 3 TAB TO-220 C (2, TAB) E (3) G (1)

Features
■ Maximum junction temperature: TJ = 175 °C
■ Tail-less switching off
■ VCE(sat) = 1.8 V (typ.) @ IC = 40 A
■ Tight parameters distribution
■ Safe paralleling
■ Low thermal resistance

Applications
■ Photovoltaic inverters
■ Uninterruptible power supply
■ Welding
■ Power factor correction
■ Very high frequency converters




Similar Part No. - STGW40V60F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40V60DF STMICROELECTRONICS-STGW40V60DF Datasheet
1Mb / 17P
Trench gate field-stop IGBT, V series
08-Oct-2013
STGW40V60DF STMICROELECTRONICS-STGW40V60DF Datasheet
1Mb / 21P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
23-Apr-2014
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
21-Oct-2013
More results


Similar Description - STGW40V60F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
21-Oct-2013
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
14-Feb-2017
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
600 V, 20 A very high speed trench gate field-stop IGBT
11-Jul-2013
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
31-Mar-2014
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
08-Apr-2014
STGFW40V60DF STMICROELECTRONICS-STGFW40V60DF Datasheet
1Mb / 21P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
23-Apr-2014
STGFW80V60F STMICROELECTRONICS-STGFW80V60F Datasheet
1Mb / 19P
Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
22-May-2014
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
21-Oct-2013
STGW60V60DF STMICROELECTRONICS-STGW60V60DF_V01 Datasheet
1Mb / 20P
Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
28-Sep-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com