Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW40V60F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGW40V60F
Description  Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40V60F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGW40V60F Datasheet HTML 4Page - STMicroelectronics STGW40V60F Datasheet HTML 5Page - STMicroelectronics STGW40V60F Datasheet HTML 6Page - STMicroelectronics STGW40V60F Datasheet HTML 7Page - STMicroelectronics STGW40V60F Datasheet HTML 8Page - STMicroelectronics STGW40V60F Datasheet HTML 9Page - STMicroelectronics STGW40V60F Datasheet HTML 10Page - STMicroelectronics STGW40V60F Datasheet HTML 11Page - STMicroelectronics STGW40V60F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical characteristics
STGB40V60F, STGFW40V60F, STGP40V60F, STGW40V60F
8/24
DocID024700 Rev 2
Figure 14. Transfer characteristics
Figure 15. Normalized VGE(th) vs junction
temperature
Figure 16. Normalized V(BR)CES vs. junction
temperature
Figure 17. Capacitance variations
Figure 18. Gate charge vs. gate-emitter voltage
Figure 19. Switching losses vs. collector
current
IC
80
60
20
0
6
(A)
8
VGE(V)
40
Tj=175°C
Tj=25°C
Tj=-40°C
10
140
120
100
160
VCE= 5V
AM17393v1
VGE(th)
0.8
0.6
-50
(norm)
TJ(°C)
0.7
0
0.9
1.0
50
100
150
VCE=VGE
IC=1mA
AM17395v1
V(BR)CES
1.1
0.9
-50
(norm)
TJ(°C)
1.0
0
50
100
150
0.95
1.05
IC=2mA
AM17396v1
C(pF)
10
0.1
VCE(V)
1000
1
10
100
10000
Cies
Coes
Cres
AM17397v1
VGE(V)
0
0
Qg(nC)
50
100
2
150
200
250
4
6
8
10
12
14
16
VCC= 480 V
IC= 40 A
AM17398v1
E(μJ)
0
0
IC(A)
800
20
40
400
1200
60
80
VCC=400V, VGE=15V
Rg=10Ω, Tj=175°C
1600
2000
2400
2800
Eon
Eoff
AM17399v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com