Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW15S120DF3 Datasheet (PDF) - STMicroelectronics

STGW15S120DF3 Datasheet PDF - STMicroelectronics
Part # STGW15S120DF3
Download  STGW15S120DF3 Download
File Size   741.12 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop IGBT, S series 1200 V, 15 A low drop

STGW15S120DF3 Datasheet (PDF)

Go To PDF Page Download Datasheet
STGW15S120DF3 Datasheet PDF - STMicroelectronics

Part # STGW15S120DF3
Download  STGW15S120DF3 Click to download

File Size   741.12 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop IGBT, S series 1200 V, 15 A low drop

STGW15S120DF3 Datasheet (HTML) - STMicroelectronics


STGW15S120DF3 Product details

Description
This device is an IGBT developed using an
advanced proprietary trench gate field-stop
structure. The device is part of the S series of
1200 V IGBTs which is tailored to maximize
efficiency of low frequency industrial systems.
Furthermore, a positive VCE(sat) temperature
coefficient and tight parameter distribution result
in safer paralleling operation.

Features
• 10 µs of short-circuit withstand time
• VCE(sat) = 1.55 V (typ.) @ IC = 15 A
• Tight parameter distribution
• Safer paralleling
• Low thermal resistance
• Soft and fast recovery antiparallel diode

Applications
• Industrial drives
• UPS
• Solar
• Welding




Similar Part No. - STGW15S120DF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
04-Mar-2015
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
01-Apr-2015
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
31-Oct-2014
More results


Similar Description - STGW15S120DF3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
1200 V, 15 A Field Stop Trench IGBT
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
1200 V, 40 A Field Stop Trench IGBT
logo
STMicroelectronics
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
04-Mar-2015
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
01-Apr-2015
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
31-Oct-2014
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
31-Oct-2014
STGW25S120DF3 STMICROELECTRONICS-STGW25S120DF3 Datasheet
703Kb / 18P
Trench gate field-stop IGBT, S series 1200 V, 25 A low drop
18-Dec-2014
STGW40M120DF3 STMICROELECTRONICS-STGW40M120DF3 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
10-Nov-2014
STGW40S120DF3 STMICROELECTRONICS-STGW40S120DF3 Datasheet
724Kb / 18P
Trench gate field-stop IGBT, S series 1200 V, 40 A low drop
18-Dec-2014
logo
ON Semiconductor
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com