Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1225 Datasheet (PDF) - Microchip Technology

TC1225 Datasheet PDF - Microchip Technology
Part # TC1225
Download  TC1225 Download
File Size   1194.98 Kbytes
Page   9 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters

TC1225 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1225 Datasheet PDF - Microchip Technology

Part # TC1225
Download  TC1225 Click to download

File Size   1194.98 Kbytes
Page   9 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters

TC1225 Datasheet (HTML) - Microchip Technology


TC1225 Product details

GENERAL DESCRIPTION

The TC1225/1226/1227 are CMOS dual inverting charge pump voltage converters in 8-Pin MSOP packages. An on

board oscillator provides the clock, and only four external capacitors are required for full circuit implementation. Switch ing frequencies are 12kHz for the TC1225, 35kHz for the TC1226, and 125kHz for the TC1227.



FEATURES

■ Small 8-Pin MSOP Package

■ Operates from 1.8V to 5.5V

■ Up to 5mA Output Current at –VIN Pin

■ Up to 1mA Output Current at –2VIN Pin

■ –VIN and  –2VINOutputs Available

■ Low Supply Current

    .......................................... 120µA (MAX) for TC1225

    .......................................... 360µA (MAX) for TC1226

    .......................................... 1.5mA (MAX) for TC1227



TYPICAL APPLICATIONS

■ LCD Panel Bias

■ Cellular Phones PA Bias

■ Pagers

■ PDAs, Portable Data loggers

■ Battery Powered Devices




Similar Part No. - TC1225

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1220 MICROCHIP-TC1220 Datasheet
482Kb / 16P
Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1220ECH MICROCHIP-TC1220ECH Datasheet
482Kb / 16P
Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221 MICROCHIP-TC1221 Datasheet
469Kb / 16P
High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221ECH MICROCHIP-TC1221ECH Datasheet
462Kb / 16P
High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
More results


Similar Description - TC1225

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
Inverting Charge Pump Voltage Doublers
2002
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
Charge Pump Voltage Converters
logo
Microchip Technology
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
Charge Pump Voltage Converters
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
Inverting Charge Pump IC
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
Inverting Charge Pump
Rev 0; 7/00
logo
Linear Technology
LTC3260 LINER-LTC3260_15 Datasheet
328Kb / 18P
Low Noise Dual Supply Inverting Charge Pump
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
High Voltage, Low Noise, Dual Supply Inverting Charge Pump
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
High Voltage, Low Noise Inverting Charge Pump
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com