Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP190B Datasheet (PDF) - Toshiba Semiconductor

TLP190B Datasheet PDF - Toshiba Semiconductor
Part # TLP190B
Download  TLP190B Download
File Size   124.01 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAAs Ired & Photo−Diode Array

TLP190B Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP190B Datasheet PDF - Toshiba Semiconductor

Part # TLP190B
Download  TLP190B Click to download

File Size   124.01 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAAs Ired & Photo−Diode Array

TLP190B Datasheet (HTML) - Toshiba Semiconductor


TLP190B Product details

Telecommunications
Programmable Controllers
MOS Gate Drivers
MOSFET Gate Drivers

The TOSHIBA TLP190B mini-flat photocoupler is suitable for surfacemount assembly.
The TLP190B consists of a GaAℓAs infrared light emitting diode optically coupled to a series connected photodiode array which is suitable for MOSFET gate drivers.
TLP190 : Mini Flat Package, 4Pin, one circuit.

• Open voltage: 7.0V (min)
• Short current: 12.0 μA (min)
• Isolation voltage: 2500 Vrms (min)
• UL recognized: UL1577, file no. E67349
• cUL approved :CSA Component Acceptance Service No. 5A, File No.E67349




Similar Part No. - TLP190B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP190B TOSHIBA-TLP190B Datasheet
166Kb / 5P
Photocoupler GaA?밃s Ired & Photo−Diode Array
TLP190B TOSHIBA-TLP190B_07 Datasheet
166Kb / 5P
Photocoupler GaA?밃s Ired & Photo−Diode Array
More results


Similar Description - TLP190B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP591B TOSHIBA-TLP591B Datasheet
153Kb / 4P
TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
TLP747GF TOSHIBA-TLP747GF Datasheet
105Kb / 2P
TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP191B TOSHIBA-TLP191B Datasheet
161Kb / 4P
TOSHIBA Photocoupler GaA?밃s Ired & Photo-Diode Array
TLP551 TOSHIBA-TLP551 Datasheet
320Kb / 8P
PHOTOCOUPLER GaAAs IRED PHOTO IC
TLP190B TOSHIBA-TLP190B_07 Datasheet
166Kb / 5P
Photocoupler GaA?밃s Ired & Photo−Diode Array
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
TOSHIBA Photocoupler GaAAs IRED Photo IC
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP3902 TOSHIBA-TLP3902_14 Datasheet
210Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED and PHOTO?묭IODE ARRAY
TLP3904 TOSHIBA-TLP3904_14 Datasheet
264Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED and PHOTO?묭IODE ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com