Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP151 Datasheet (PDF) - Toshiba Semiconductor

TLP151 Datasheet PDF - Toshiba Semiconductor
Part # TLP151
Download  TLP151 Download
File Size   526.53 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler IRED Photo IC

TLP151 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP151 Datasheet PDF - Toshiba Semiconductor

Part # TLP151
Download  TLP151 Click to download

File Size   526.53 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler IRED Photo IC

TLP151 Datasheet (HTML) - Toshiba Semiconductor


TLP151 Product details

Industrial Inverter
MOS FET / IGBT Gate Driver
IH(Induction Heating)
Operate at high ambient temperatures up to 110°C

The Toshiba TLP151 consists of an infrared LED and integrated high gain,
high-speed photodetectors. The TLP151 is housed in the SO6 package.
The photodetector has an internal Faraday shield that provides a guaranteed
common-mode transient immunity of ±15 kV/μs. TLP151 is suitable for direct
gate driving circuit for IGBTs or power MOSFETs.

 Buffer logic type (Totem pole output)
 Package type: SO6
 Peak Output Current : IOP = ±0.6 A (max)
 Guaranteed performance over temperature: -40 to 110°C
 Power supply voltage: 10 to 30 V
 Threshold Input Current: IFLH = 5.0 mA (max)
 Propagation delay time : tpLH / tpHL = 700 ns (max)
 Common mode transient immunity : ±15 kV/μs (min)
 Isolation voltage : 3750 Vrms (min)
 UL-recognized : UL 1577, File No.E67349
 cUL-recognized : CSA Component Acceptance Service No.5A
File No.E67349
 VDE-approved :EN 60747-5-5 ,EN 62368-1 (Note 1)




Similar Part No. - TLP151

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP151A TOSHIBA-TLP151A Datasheet
273Kb / 12P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-06-09 Rev.4.0
More results


Similar Description - TLP151

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
TOSHIBA Photocoupler GaA?밃s Ired Photo IC
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
TOSHIBA Photocoupler GaALAs Ired & Photo IC
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
TOSHIBA Photocoupler GaALAs Ired & Photo-IC
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
TOSHIBA Photocoupler GaAAs IRED Photo IC
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com