Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP716 Datasheet (PDF) - Toshiba Semiconductor

TLP716 Datasheet PDF - Toshiba Semiconductor
Part # TLP716
Download  TLP716 Download
File Size   83.22 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAlAs IRED & Photo- IC

TLP716 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP716 Datasheet PDF - Toshiba Semiconductor

Part # TLP716
Download  TLP716 Click to download

File Size   83.22 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAlAs IRED & Photo- IC

TLP716 Datasheet (HTML) - Toshiba Semiconductor


TLP716 Product details

Plasma display panel
High Speed Interface
Factory Automation

The TOSHIBA TLP716 consists of an infrared emitting diode and a high speed photodetector. This unit is 6-lead SDIP. TLP716 is 50% smaller than 8PIN DIP and has suited the safety standard reinforced insulation class. So, mounting area in safety standard required equipment can be reduced.

● Inverter Logic (totempole output)
● Package Type : SDIP6
● Guaranteed Performance Over Temperature : -40 to 100°C
● Power Supply Voltage: 4.5 to 5.5 V
● Input Thresholds Current: IFHL = 6.5 mA (max)
● Propagation delay Time (tpHL/tpLH): 75 ns (max)
● Switching speed: 15 MBd (typ.)
● Common mode transient immunity: ±10 kV/μs (min)
● Isolation voltage: 5000 Vrms (min)
● UL-recognized: UL 1577, File No.E67349
● cUL-recognized: CSA Component Acceptance Service No.5A
                               File No.E67349
● VDE-approved : EN 60747-5-5 , EN 62368-1 (Note 1)
   Note 1: When a VDE approved type is needed, please designate the Option(D4).
● Construction Mechanical Rating




Similar Part No. - TLP716

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP716 TOSHIBA-TLP716 Datasheet
215Kb / 6P
Plasma display panel High Speed Interface Factory Automation
TLP716F TOSHIBA-TLP716F Datasheet
142Kb / 2P
Plasma display panel High Speed Interface Factory Automation
TLP716 TOSHIBA-TLP716_07 Datasheet
215Kb / 6P
Plasma display panel High Speed Interface Factory Automation
More results


Similar Description - TLP716

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP591B TOSHIBA-TLP591B Datasheet
153Kb / 4P
TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
TOSHIBA Photocoupler GaALAs Ired & Photo IC
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
TOSHIBA Photocoupler GaALAs Ired & Photo-IC
TLP168J TOSHIBA-TLP168J Datasheet
169Kb / 5P
TOSHIBA Photocoupler GaALAs IRed & Photo-Triac
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com