Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP719 Datasheet (PDF) - Toshiba Semiconductor

TLP719 Datasheet PDF - Toshiba Semiconductor
Part # TLP719
Download  TLP719 Download
File Size   48.53 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC

TLP719 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP719 Datasheet PDF - Toshiba Semiconductor

Part # TLP719
Download  TLP719 Click to download

File Size   48.53 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC

TLP719 Datasheet (HTML) - Toshiba Semiconductor


TLP719 Product details

Digital logic ground isolation
Line receivers
Microprocessor system interfaces
Switching power supply feedback control
Industrial invertors

The TOSHIBA TLP719 consists of a high-output infrared emitting diode and a highspeed detector.
This unit is a 6-lead SDIP. The TLP719 is 50% smaller than the 8-pin DIP and meets the reinforced insulation class requirements of international safety standards.
Therefore the mounting area can be reduced in equipment requiring safety standard certification.
The TLP719 has a Faraday shield integrated on the photodetector chip to provide an effective common mode noise transient immunity. Therefore this product is suitable for application in noisy environmental conditions.

• Open collector
• Package type : SDIP6
• Isolation voltage : 5000 Vrms (min)
• Common mode transient immunity : ±10 kV/μs (min) @VCM = 400 Vp-p
• Switching speed : tpHL/ tpLH = 0.8 μs (max)
                               @ IF = 16 mA, VCC = 5 V,
                                    RL = 1.9 kΩ, Ta = 25 °C
• TTL compatible
• Construction mechanical rating
• UL-recognized : UL 1577, File No.E67349
• cUL-recognized : CSA Component Acceptance Service No.5A
                               File No.E67349
• VDE-approved : EN 60747-5-5 , EN 62368-1 (Note1)




Similar Part No. - TLP719

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP719 TOSHIBA-TLP719 Datasheet
205Kb / 7P
Microprocessor system interfaces
TLP719F TOSHIBA-TLP719F Datasheet
127Kb / 2P
Digital logic ground isolation
TLP719 TOSHIBA-TLP719_07 Datasheet
205Kb / 7P
Microprocessor system interfaces
TLP719 TOSHIBA-TLP719_15 Datasheet
423Kb / 7P
Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors
More results


Similar Description - TLP719

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP591B TOSHIBA-TLP591B Datasheet
153Kb / 4P
TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
TOSHIBA Photocoupler GaALAs Ired & Photo IC
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
TOSHIBA Photocoupler GaALAs Ired & Photo-IC
TLP168J TOSHIBA-TLP168J Datasheet
169Kb / 5P
TOSHIBA Photocoupler GaALAs IRed & Photo-Triac
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com