Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP716F Datasheet (PDF) - Toshiba Semiconductor

TLP716F Datasheet PDF - Toshiba Semiconductor
Part # TLP716F
Download  TLP716F Download
File Size   142.37 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Plasma display panel High Speed Interface Factory Automation

TLP716F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP716F Datasheet PDF - Toshiba Semiconductor

Part # TLP716F
Download  TLP716F Click to download

File Size   142.37 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Plasma display panel High Speed Interface Factory Automation

TLP716F Datasheet (HTML) - Toshiba Semiconductor


TLP716F Product details

Plasma display panel
High Speed Interface
Factory Automation

The TOSHIBA TLP716F consists of a GaAℓAs light emitting diode and a high speed photodetector. This unit is 6-lead SDIP. TLP716F is 50% smaller than 8PIN DIP and has suited the safety standard reinforced insulation class. So, mounting area in safety standard required equipment can be reduced.
Absolute maximum ratings and electrical characteristics are the same as the TLP716 technical data sheets.

● Inverter Logic (totempole output)
● Package Type : SDIP6
● Guaranteed Performance Over Temperature : −40~100°C
● Power Supply Voltage : 4.5~5.5 V
● Input Thresholds Current : IFHL=6.5 mA(max.)
● Propagation delay Time (tpHL/ tpLH) : 75 ns(max.)
● Switching speed : 15 MBd(typ.) (NRZ)
● Common mode transient immunity : 10 kV/us(min.)
● Isolation voltage : 5000 Vrms(min.)
● UL Recognized :UL1577, File No.E67349
● Option (D4)
   TÜV Approved : EN60747−5−2
   Maximum Operating Insulation Voltage : 1140 VPK
   Highest Permissible Over Voltage : 8000 VPK
   (Note): When an EN60747−5−2 approved type is needed,
               Please designate “Option(D4)”




Similar Part No. - TLP716F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP716 TOSHIBA-TLP716 Datasheet
215Kb / 6P
Plasma display panel High Speed Interface Factory Automation
TLP716 TOSHIBA-TLP716_07 Datasheet
215Kb / 6P
Plasma display panel High Speed Interface Factory Automation
More results


Similar Description - TLP716F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
Plasma Panel Display Modules
21-Dec-00
logo
Toshiba Semiconductor
TLP716 TOSHIBA-TLP716_07 Datasheet
215Kb / 6P
Plasma display panel High Speed Interface Factory Automation
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
Plasma Display Panel
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
logo
Vishay Siliconix
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
Plasma Panel Display Modules
21-Dec-00
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
Plasma Panel Display Modules
05-Dec-00
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
Plasma Panel Display Modules
17-Oct-07
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
Plasma Panel Display Modules
21-Dec-00
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
Plasma Panel Display Module
09-Dec-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com