Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP716 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP716
Description  TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP716 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP716 Datasheet HTML 1Page - Toshiba Semiconductor TLP716 Datasheet HTML 2Page - Toshiba Semiconductor TLP716 Datasheet HTML 3Page - Toshiba Semiconductor TLP716 Datasheet HTML 4Page - Toshiba Semiconductor TLP716 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLP716
2003-10-21
2
Maximum Ratings (Ta=25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
20
mA
Peak Transient Forward Current
(Note1)
IFPT
A
Reverse Voltage
VR
5
V
Output Current
IO
10
mA
Output Voltage
VO
6
V
Supply Voltage
VCC
6
V
Output power dissipation
PO
40
mW
Operating Temperature Range
Topr
-40~100
°C
Storage Temperature Range
Tstg
-55~125
°C
Lead Solder Temperature(10s)
Tsol
260
°C
Isolation Voltage
(AC,1min.,R.H.=60%,Ta=25
°C)
(Note2)
BVs
5000
Vrms
Note1 : Pulse width PW=10us,500pps.
Note2 : Device Considered a two terminal device : pins 1,2 and 3 shorted together and
pins 4,5 and 6 shorted together.
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
Input Current , ON
IF(ON)
8
12
18
mA
Input Voltage , OFF
VF(OFF)
0
—
0.8
V
Supply Voltage
VCC
4.5
5
5.5
V
Operating Temperature
Topr
-40
—
100
°C
The correlation between input current and switching speed and drive circuit
(reference
information).
Input Current
(IF)
TEST CIRCUIT
Typical Switching Speed
12mA
1
(Page 4)
18 – 20 MBd
8mA
1
(Page 4)
16 – 18 MBd
8mA
2
(Page 4,With Speed up capacitor)
20 – 22 MBd



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com