Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP750 Datasheet (PDF) - Toshiba Semiconductor

TLP750 Datasheet PDF - Toshiba Semiconductor
Part # TLP750
Download  TLP750 Download
File Size   191.57 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaA?밃s Ired Photo IC

TLP750 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP750 Datasheet PDF - Toshiba Semiconductor

Part # TLP750
Download  TLP750 Click to download

File Size   191.57 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaA?밃s Ired Photo IC

TLP750 Datasheet (HTML) - Toshiba Semiconductor


TLP750 Product details

Digital Logic Ground Isolation

Line Receiver

Microprocessor System Interfaces

Switching Power Supply Feedback Control

Analog Signal Isolation



The TOSHIBA TLP750 consists of GaAℓAs high−output light emitting diode and a high speed detector of one chip photo diode−transistor. This unit is 8−lead DIP.

TLP750 has no internal base connection, and is suitable for application in noisy environmental conditions.



• Switching speed: tpHL=0.3μs(typ.)

• Switching speed: tpLH=0.5μs(typ.)(RL=1.9kΩ)

• UL recognized: UL1577, file No. E67349

• BSI approved: BS EN60065: 2002,

                     Certificate No.8869

                     BS EN60950-1: 2002,

                     Certificate No.8870

• Isolation voltage: 5000Vrms(min.)

• Option(d4)type

   VDE approved: DIN EN 60747-5-2, Certificate No. 40009302

   Maximum operating insulation voltage: 890VPK

   Highest permissible over voltage: 8000VPK

• Creepage distance: 6.4mm(min.)

  Clearance: 6.4mm(min.)

  Insulation thickness: 0.4mm(min.)




Similar Part No. - TLP750

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
Digital Logic Ground Isolation
TLP750 TOSHIBA-TLP750_07 Datasheet
191Kb / 7P
Digital Logic Ground Isolation
More results


Similar Description - TLP750

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP105 TOSHIBA-TLP105 Datasheet
270Kb / 6P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2105 TOSHIBA-TLP2105 Datasheet
304Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2098 TOSHIBA-TLP2098 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
Photocoupler GaA?밃s IRED Photo IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com