Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP320-4 Datasheet (PDF) - Toshiba Semiconductor

TLP320-4 Datasheet PDF - Toshiba Semiconductor
Part # TLP320-4
Download  TLP320-4 Download
File Size   206.58 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-Transistor

TLP320-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP320-4 Datasheet PDF - Toshiba Semiconductor

Part # TLP320-4
Download  TLP320-4 Click to download

File Size   206.58 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-Transistor

TLP320-4 Datasheet (HTML) - Toshiba Semiconductor


TLP320-4 Product details

Telecommunication

Office Machine

Telephone Use Equipment





The TOSHIBA TLP320, −2 and −4 consists of a photo−transistor optically coupled to a gallium arsenide infrared emitting diode. The TLP320−2 offers two isolated channels in an eight lead plastic DIP package, while the TLP320−4 provides four isolated channels in a sixteen plastic DIP package. This is suitable for application of AC input current up to 150mA.



IF maximum rating: ±150mA

Collector−emitter voltage: 55V (min.)

Current transfer ratio: 25% (min.) (IF = 20mA)

Isolation voltage: 5000Vrms(min.)

UL recognized: file No. E67349




Similar Part No. - TLP320-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP320-4 TOSHIBA-TLP320-4 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
More results


Similar Description - TLP320-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP628 TOSHIBA-TLP628 Datasheet
257Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com