Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T610T-8T Datasheet (PDF) - STMicroelectronics

T610T-8T Datasheet PDF - STMicroelectronics
Part # T610T-8T
Download  T610T-8T Download
File Size   314.51 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6 A logic level Triac

T610T-8T Datasheet (PDF)

Go To PDF Page Download Datasheet
T610T-8T Datasheet PDF - STMicroelectronics

Part # T610T-8T
Download  T610T-8T Click to download

File Size   314.51 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6 A logic level Triac

T610T-8T Datasheet (HTML) - STMicroelectronics


T610T-8T Product details

Description
Available in through-hole package, the T610T-8T Triac can be used for the on/off or phase angle control function in general purpose AC switching. This device can be directly driven by a microcontroller due to its 10 mA gate current requirement. $ $ * $ $ $ * 72$%

Features
■ Medium current Triac
■ Three quadrants
■ ECOPACK® 2 compliant component

Applications
■ General purpose AC line load switching
■ Motor control circuits
■ Small home appliances
■ Lighting
■ Inrush current limiting circuits
■ Overvoltage crowbar protection




Similar Part No. - T610T-8T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T610T-8FP STMICROELECTRONICS-T610T-8FP Datasheet
356Kb / 9P
6 A logic level Triac
12-Feb-2015
More results


Similar Description - T610T-8T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
Triac logic level
Rev. 01-26 February 2008
logo
STMicroelectronics
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
Logic level 16 A Triac
April 2012 Rev 3
T405T-6FP STMICROELECTRONICS-T405T-6FP Datasheet
366Kb / 9P
4 A logic level Triac
04-Nov-2016
T610T-8FP STMICROELECTRONICS-T610T-8FP Datasheet
356Kb / 9P
6 A logic level Triac
12-Feb-2015
T810T-8FP STMICROELECTRONICS-T810T-8FP Datasheet
359Kb / 9P
8 A logic level Triac
February 2015 Rev 2
T810T-8T STMICROELECTRONICS-T810T-8T Datasheet
317Kb / 9P
8 A logic level Triac
November 2014 Rev 1
T1210T-8FP STMICROELECTRONICS-T1210T-8FP Datasheet
357Kb / 9P
12 A logic level Triac
February 2015 Rev 2
T1210T-8T STMICROELECTRONICS-T1210T-8T Datasheet
318Kb / 9P
12 A logic level Triac
November 2014 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com