Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN1610H-6FP Datasheet (PDF) - STMicroelectronics

TN1610H-6FP Datasheet PDF - STMicroelectronics
Part # TN1610H-6FP
Download  TN1610H-6FP Download
File Size   329.18 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Motor control circuits and starters

TN1610H-6FP Datasheet (PDF)

Go To PDF Page Download Datasheet
TN1610H-6FP Datasheet PDF - STMicroelectronics

Part # TN1610H-6FP
Download  TN1610H-6FP Click to download

File Size   329.18 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Motor control circuits and starters

TN1610H-6FP Datasheet (HTML) - STMicroelectronics


TN1610H-6FP Product details

Description
Thanks to a junction temperature up to 150 °C and an insulated TO-220FPAB package, the TN1610H-6FP offers high thermal performance up to 16 A rms. The trade-off between the device’s noise immunity (dV/dt = 1 kV/µs) its gate triggering current (IGT = 10 mA) and its turn-on current rise (dI/dt = 100 A/µs) allows the design of robust and compact control circuits for voltage regulators in motorbikes and industrial drives, overvoltage crowbar protection, motor control circuits in power tools and kitchen appliances, and inrush current limiting circuits. The insulated fullpack package allows a back-to-back configuration. . $ * 72)3$% $ . *

Features
■ High junction temperature: Tj = 150 °C
■ High noise immunity dV/dt = 1 kV/µs up to 150 °C
■ Gate triggering current IGT = 10 mA
■ Blocking voltage VDRM/VRRM = 600 V
■ High turn on current rise dI/dt: 100 A/µs
■ ECOPACK®2 compliant component
■ Complies with UL standards (File ref: E81734)
■ Insulated package TO-220FPAB: – Insulated voltage: 2000 VRMS

Applications
■ Voltage regulator circuits for motorbikes
■ Inrush current limiting circuits
■ Motor control circuits and starters
■ Light dimmers
■ Solid state relays




Similar Part No. - TN1610H-6FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1610H-6I STMICROELECTRONICS-TN1610H-6I Datasheet
224Kb / 10P
16 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN1610H-6T STMICROELECTRONICS-TN1610H-6T Datasheet
330Kb / 9P
High temperature 16 A SCRs
24-Feb-2015
More results


Similar Description - TN1610H-6FP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6612 PANASONIC-AN6612 Datasheet
29Kb / 2P
Motor Control Circuits
AN6650 PANASONIC-AN6650 Datasheet
93Kb / 4P
Motor Control Circuits
logo
Unisonic Technologies
AN8850 UTC-AN8850 Datasheet
160Kb / 5P
MOTOR CONTROL CIRCUITS
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
Manual Motor Starters, Controllers, and Protectors
logo
Unisonic Technologies
AN8850 UTC-AN8850_15 Datasheet
160Kb / 5P
MOTOR CONTROL CIRCUITS
logo
Sangdest Microelectroni...
SDUR8120 SMC-SDUR8120 Datasheet
204Kb / 6P
Free wheeling diode in converters and motor control circuits
SDUR8120W SMC-SDUR8120W Datasheet
185Kb / 4P
Free wheeling diode in converters and motor control circuits
SDURB3060 SMC-SDURB3060 Datasheet
257Kb / 5P
Free wheeling diode in converters and motor control circuits
SDURF20H60CT SMC-SDURF20H60CT Datasheet
291Kb / 5P
Free wheeling diode in converters and motor control circuits
logo
STMicroelectronics
T1235T-8T STMICROELECTRONICS-T1235T-8T Datasheet
271Kb / 9P
Motor control circuits
July 2014 Rev 3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com