Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN1610H-6I Datasheet (PDF) - STMicroelectronics

TN1610H-6I Datasheet PDF - STMicroelectronics
Part # TN1610H-6I
Download  TN1610H-6I Download
File Size   224.0 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 A 600 V high temperature SCR thyristors in insulated TO-220

TN1610H-6I Datasheet (PDF)

Go To PDF Page Download Datasheet
TN1610H-6I Datasheet PDF - STMicroelectronics

Part # TN1610H-6I
Download  TN1610H-6I Click to download

File Size   224.0 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 A 600 V high temperature SCR thyristors in insulated TO-220

TN1610H-6I Datasheet (HTML) - STMicroelectronics


TN1610H-6I Product details

Features
• High junction temperature: Tj = 150 °C
• High noise immunity dV/dt = 1000 V/μs up to 150 °C
• Peak off-state voltage VDRM/VRRM = 600 V
• High turn-on current rise dI/dt = 100 A/μs
• Insulated package TO-220AB:
– Insulated voltage: 2500 VRMS
– Complies with UL 1557 (File ref : E81734)
• ECOPACK2 compliant
• Halogen-free molding, lead-free plating

Description
Thanks to its operating junction temperature up to 150°C, the TN1610H-6I offers high
thermal performance operation up to 16 A rms.
Its trade-off noise immunity (dV/dt = 1000 V/μs) versus its gate triggering current
(IGT = 10 mA) and its turn-on current rise (dI/dt = 100 A/μs) allows to design robust
and compact control circuit for voltage regulator in motorbikes and industrial drives,
overvoltage crowbar protection, motor control circuits in power tools and kitchen
appliances and inrush current limiting circuits.

Applications
• General purpose AC line load switching
• Motor control circuits and starters
• Inrush current limiting circuits
• Heating resistor control, solid state relays




Similar Part No. - TN1610H-6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
Motor control circuits and starters
February 2015 Rev 1
TN1610H-6T STMICROELECTRONICS-TN1610H-6T Datasheet
330Kb / 9P
High temperature 16 A SCRs
24-Feb-2015
More results


Similar Description - TN1610H-6I

ManufacturerPart #DatasheetDescription
logo
NEC
2S2M NEC-2S2M Datasheet
188Kb / 6P
THYRISTORS 2 A HIGH-SPEED SWITCHING SCR
logo
STMicroelectronics
BTW69-1200N STMICROELECTRONICS-BTW69-1200N Datasheet
151Kb / 9P
50 A – 1200 V non insulated SCR thyristor
14-Jun-2013
logo
Littelfuse
SV6016DX LITTELFUSE-SV6016DX Datasheet
747Kb / 6P
Thyristors 16 Amp High Junction Temperature SCR in DPAK pacakge
Revised: 04/17/20
logo
STMicroelectronics
TN2010H-6I STMICROELECTRONICS-TN2010H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN2015H-6I STMICROELECTRONICS-TN2015H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
TN3015H-6I STMICROELECTRONICS-TN3015H-6I Datasheet
232Kb / 10P
High temperature 30 A, 600 V TO220 insulated thyristor SCRs
TN1605H-8G STMICROELECTRONICS-TN1605H-8G Datasheet
393Kb / 11P
16 A 800 V high temperature SCR thyristor in D²PAK package
05-Dec-2022
TN1605H-8I STMICROELECTRONICS-TN1605H-8I Datasheet
348Kb / 10P
16 A 800 V high temperature SCR thyristor in TO-220AB insulated package
05-Dec-2022
TN1605H-8T STMICROELECTRONICS-TN1605H-8T Datasheet
383Kb / 10P
16 A 800 V high temperature SCR thyristor in TO-220AB package
05-Dec-2022
logo
Renesas Technology Corp
3P4MH RENESAS-3P4MH Datasheet
373Kb / 8P
THYRISTORS 3 A MOLD SCR
2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com