Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTW69-1200N Datasheet (PDF) - STMicroelectronics

BTW69-1200N Datasheet PDF - STMicroelectronics
Part # BTW69-1200N
Download  BTW69-1200N Download
File Size   151.05 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 A – 1200 V non insulated SCR thyristor

BTW69-1200N Datasheet (PDF)

Go To PDF Page Download Datasheet
BTW69-1200N Datasheet PDF - STMicroelectronics

Part # BTW69-1200N
Download  BTW69-1200N Click to download

File Size   151.05 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 A – 1200 V non insulated SCR thyristor

BTW69-1200N Datasheet (HTML) - STMicroelectronics


BTW69-1200N Product details

Description
Available in non insulated TOP3 high power package, the BTW69-1200N is suitable for applications where power switching and power dissipation are critical, such as by-pass switch, controlled AC rectifier bridge, in solid state relay, battery charger, uninterruptible power supply, welding equipment and motor driver applications.

Features
On-state rms current: 50 A
Blocking voltage: 1200 V
Gate current: 50 mA




Similar Part No. - BTW69-1200N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BTW69-1200N ISC-BTW69-1200N Datasheet
220Kb / 1P
isc Thyristors
logo
STMicroelectronics
BTW69-1200N STMICROELECTRONICS-BTW69-1200N Datasheet
156Kb / 4P
THYRISTORS
Feb-1989
More results


Similar Description - BTW69-1200N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN3050H-12GY-TR STMICROELECTRONICS-TN3050H-12GY-TR Datasheet
417Kb / 10P
30 A - 1200 V automotive grade SCR Thyristor
03-Oct-2016
TN5050H-12WY STMICROELECTRONICS-TN5050H-12WY Datasheet
394Kb / 9P
50 A 1200 V automotive grade SCR
07-Jan-2015
logo
Vishay Siliconix
VS-50TPS12L-M3 VISHAY-VS-50TPS12L-M3_V01 Datasheet
175Kb / 7P
Thyristor High Voltage, Phase Control SCR, 50 A
10-Aug-2018
logo
STMicroelectronics
TN4050HP-12G2YTR STMICROELECTRONICS-TN4050HP-12G2YTR Datasheet
368Kb / 11P
40 A 1200 V automotive grade thyristor (SCR)
TN4050HP-12GY-TR STMICROELECTRONICS-TN4050HP-12GY-TR Datasheet
229Kb / 10P
40 A 1200 V automotive grade thyristor (SCR) in D²PAK
TN4050HP-12WY STMICROELECTRONICS-TN4050HP-12WY Datasheet
214Kb / 10P
40 A 1200 V automotive grade thyristor (SCR)
TN6050HP-12WY STMICROELECTRONICS-TN6050HP-12WY Datasheet
212Kb / 10P
60 A 1200 V automotive grade thyristor (SCR)
21-Sep-2021
TN4050-12PI STMICROELECTRONICS-TN4050-12PI Datasheet
203Kb / 11P
40 A, 1200 V standard SCR
DS12925 - Rev 1 - February 2019
TN6050-12PI STMICROELECTRONICS-TN6050-12PI Datasheet
203Kb / 11P
60 A, 1200 V standard SCR
DS12874 - Rev 1 - December 2018
TN1605H-8I STMICROELECTRONICS-TN1605H-8I Datasheet
348Kb / 10P
16 A 800 V high temperature SCR thyristor in TO-220AB insulated package
05-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com