Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN6050HP-12WY Datasheet (PDF) - STMicroelectronics

TN6050HP-12WY Datasheet PDF - STMicroelectronics
Part # TN6050HP-12WY
Download  TN6050HP-12WY Download
File Size   212.0 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 60 A 1200 V automotive grade thyristor (SCR)

TN6050HP-12WY Datasheet (PDF)

Go To PDF Page Download Datasheet
TN6050HP-12WY Datasheet PDF - STMicroelectronics

Part # TN6050HP-12WY
Download  TN6050HP-12WY Click to download

File Size   212.0 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 60 A 1200 V automotive grade thyristor (SCR)

TN6050HP-12WY Datasheet (HTML) - STMicroelectronics


TN6050HP-12WY Product details

Features
• AEC-Q101 qualified
• High junction temperature: 150 °C
• AC off state voltage: +/- 1200 V
• Nominal on-state RMS current: 60 ARMS
• High noise immunity: 1000 V/μs
• Max. gate triggering current: 50 mA
• ECOPACK2 compliant component

Description
The TN6050HP-12WY is an automotive grade SCR thyristor designed for
applications such as automotive on board and stationary battery chargers.
This SCR thyristor, rated for a 60 A RMS power switching, offers superior
performances in peak voltage robustness up to 1400 V and surge current handling
up to 600 A sine wave pulse. Its key features allow the design of functions such as
AC switch and AC-DC controlled rectifier-bridge.
The TN6050HP-12WY is available in TO-247 package, ideal for a maximum thermal
performance.

Applications
• On board, off board Automotive battery charger
• AC DC voltage controlled rectifier
• Solar and wind renewable energy inverters / rectifiers
• Solid state relays
• UPS: Bypass SSR; inrush current limiter ICL in AC DC rectifier




Similar Part No. - TN6050HP-12WY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN6050-12PI STMICROELECTRONICS-TN6050-12PI Datasheet
203Kb / 11P
60 A, 1200 V standard SCR
DS12874 - Rev 1 - December 2018
More results


Similar Description - TN6050HP-12WY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN3050H-12GY-TR STMICROELECTRONICS-TN3050H-12GY-TR Datasheet
417Kb / 10P
30 A - 1200 V automotive grade SCR Thyristor
03-Oct-2016
BTW69-1200N STMICROELECTRONICS-BTW69-1200N Datasheet
151Kb / 9P
50 A – 1200 V non insulated SCR thyristor
14-Jun-2013
TN5050H-12WY STMICROELECTRONICS-TN5050H-12WY Datasheet
394Kb / 9P
50 A 1200 V automotive grade SCR
07-Jan-2015
logo
WeEn Semiconductors
BT153B-1200T-A WEEN-BT153B-1200T-A Datasheet
462Kb / 11P
Automotive Grade SCR
BT155W-1200T-A WEEN-BT155W-1200T-A Datasheet
486Kb / 11P
Automotive Grade SCR
logo
STMicroelectronics
TN4050HP-12G2YTR STMICROELECTRONICS-TN4050HP-12G2YTR Datasheet
368Kb / 11P
40 A 1200 V automotive grade thyristor (SCR)
TN4050HP-12GY-TR STMICROELECTRONICS-TN4050HP-12GY-TR Datasheet
229Kb / 10P
40 A 1200 V automotive grade thyristor (SCR) in D²PAK
TN4050HP-12WY STMICROELECTRONICS-TN4050HP-12WY Datasheet
214Kb / 10P
40 A 1200 V automotive grade thyristor (SCR)
TN4050-12PI STMICROELECTRONICS-TN4050-12PI Datasheet
203Kb / 11P
40 A, 1200 V standard SCR
DS12925 - Rev 1 - February 2019
TN6050-12PI STMICROELECTRONICS-TN6050-12PI Datasheet
203Kb / 11P
60 A, 1200 V standard SCR
DS12874 - Rev 1 - December 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com