Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN4050-12PI Datasheet (PDF) - STMicroelectronics

TN4050-12PI Datasheet PDF - STMicroelectronics
Part # TN4050-12PI
Download  TN4050-12PI Download
File Size   203.24 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 A, 1200 V standard SCR

TN4050-12PI Datasheet (PDF)

Go To PDF Page Download Datasheet
TN4050-12PI Datasheet PDF - STMicroelectronics

Part # TN4050-12PI
Download  TN4050-12PI Click to download

File Size   203.24 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 A, 1200 V standard SCR

TN4050-12PI Datasheet (HTML) - STMicroelectronics


TN4050-12PI Product details

Features
• Max. Repetitive Blocking Voltage = VDRM, VRRM = 1200 V
• IGT maximum = 50 mA
• High static and dynamic commutation:
– dI/dt = 100 A/μs
– dV/dt = 2000 V/μs
• ECOPACK® 2 component (RoHS and HF compliance)
• Complies with UL 1557 standard (File ref : E81734)

Applications
• Solar / Wind renewable energy inverters and rectifiers
• Solid state relay (SSR)
• Uninterruptible power supply (UPS)
• Industrial SMPS
• Bypass
• AC DC inrush current limiter (ICL)
• Battery charger
• AC DC voltage controlled rectifier
• Industrial welding systems
• Off board automotive battery charger
• Soft starter
• Heating systems

Description
The TN4050-12PI SCR is suitable in industrial applications where high immunity is
required with a lower gate current and ceramic isolated tab, UL1557 certified rated at
2.5 kV RMS and UL94-V0 resin compliance.
Available in through-hole high power package TOP3 isolated tab.




Similar Part No. - TN4050-12PI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN4050HA-12GY STMICROELECTRONICS-TN4050HA-12GY Datasheet
697Kb / 12P
40 A 1200 V automotive grade thyristor (SCR) in D²PAK package
29-Jun-2022
TN4050HA-12GY-TR STMICROELECTRONICS-TN4050HA-12GY-TR Datasheet
697Kb / 12P
40 A 1200 V automotive grade thyristor (SCR) in D²PAK package
29-Jun-2022
TN4050HP-12G2YTR STMICROELECTRONICS-TN4050HP-12G2YTR Datasheet
368Kb / 11P
40 A 1200 V automotive grade thyristor (SCR)
TN4050HP-12GY-TR STMICROELECTRONICS-TN4050HP-12GY-TR Datasheet
229Kb / 10P
40 A 1200 V automotive grade thyristor (SCR) in D²PAK
TN4050HP-12L2Y STMICROELECTRONICS-TN4050HP-12L2Y Datasheet
637Kb / 12P
40 A 1200 V automotive grade thyristor (SCR)
27-May-2024
More results


Similar Description - TN4050-12PI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN3050H-12GY-TR STMICROELECTRONICS-TN3050H-12GY-TR Datasheet
417Kb / 10P
30 A - 1200 V automotive grade SCR Thyristor
03-Oct-2016
BTW69-1200N STMICROELECTRONICS-BTW69-1200N Datasheet
151Kb / 9P
50 A – 1200 V non insulated SCR thyristor
14-Jun-2013
TN5050H-12WY STMICROELECTRONICS-TN5050H-12WY Datasheet
394Kb / 9P
50 A 1200 V automotive grade SCR
07-Jan-2015
logo
ON Semiconductor
FGH40T120SMDL4 ONSEMI-FGH40T120SMDL4 Datasheet
592Kb / 10P
IGBT - FS, Trench 1200 V, 40 A
December, 2019 ??Rev. 2
logo
STMicroelectronics
TN4050HP-12G2YTR STMICROELECTRONICS-TN4050HP-12G2YTR Datasheet
368Kb / 11P
40 A 1200 V automotive grade thyristor (SCR)
TN4050HP-12GY-TR STMICROELECTRONICS-TN4050HP-12GY-TR Datasheet
229Kb / 10P
40 A 1200 V automotive grade thyristor (SCR) in D²PAK
TN4050HP-12WY STMICROELECTRONICS-TN4050HP-12WY Datasheet
214Kb / 10P
40 A 1200 V automotive grade thyristor (SCR)
TN6050HP-12WY STMICROELECTRONICS-TN6050HP-12WY Datasheet
212Kb / 10P
60 A 1200 V automotive grade thyristor (SCR)
21-Sep-2021
TN2540-12G STMICROELECTRONICS-TN2540-12G Datasheet
216Kb / 10P
Standard SCR, D²PAK, 25 A, 1200 V
DS12791 - Rev 1 - October 2018
TN6050-12PI STMICROELECTRONICS-TN6050-12PI Datasheet
203Kb / 11P
60 A, 1200 V standard SCR
DS12874 - Rev 1 - December 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com