Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2540-12G Datasheet (PDF) - STMicroelectronics

TN2540-12G Datasheet PDF - STMicroelectronics
Part # TN2540-12G
Download  TN2540-12G Download
File Size   216.25 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standard SCR, D²PAK, 25 A, 1200 V

TN2540-12G Datasheet (PDF)

Go To PDF Page Download Datasheet
TN2540-12G Datasheet PDF - STMicroelectronics

Part # TN2540-12G
Download  TN2540-12G Click to download

File Size   216.25 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standard SCR, D²PAK, 25 A, 1200 V

TN2540-12G Datasheet (HTML) - STMicroelectronics


TN2540-12G Product details

Features
• Max. blocking voltage = VDRM, VRRM = 1200 V
• IGT maximum = 40 mA
• High static and dynamic commutation at Tj = 125 °C
– dl/dt = 50 A/μs
– dV/dt = 1500 V/μs
• ECOPACK® 2 compliant (RoHS and HF compliance)
Applications
• Solar
• Wind renewable energy inverters
• Solid State Relay (SSR)
• Uninterruptible Power Supply (UPS)
• AC DC Inrush Current Limiter (ICL)
• Battery charger
• AC DC voltage controlled rectifier
• Industrial welding systems
• Off board automotive battery charger
• Soft starter
• General purpose motor control

Description
Available in SMD D²PAK with anode in backside.
The TN2540-12G SCR is suitable in industrial applications where high immunity is
required with a lower gate current.




Similar Part No. - TN2540-12G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TN2540-12G ISC-TN2540-12G Datasheet
277Kb / 3P
isc Thyristors
More results


Similar Description - TN2540-12G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK IRF-IRK Datasheet
150Kb / 6P
SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
logo
Vishay Siliconix
25TTSFP VISHAY-25TTSFP Datasheet
143Kb / 7P
Phase Control SCR TO-220AB FULL-PAK, 25 A
20-Jun-08
logo
STMicroelectronics
TN3050H-12GY-TR STMICROELECTRONICS-TN3050H-12GY-TR Datasheet
417Kb / 10P
30 A - 1200 V automotive grade SCR Thyristor
03-Oct-2016
BTW69-1200N STMICROELECTRONICS-BTW69-1200N Datasheet
151Kb / 9P
50 A – 1200 V non insulated SCR thyristor
14-Jun-2013
TN5050H-12WY STMICROELECTRONICS-TN5050H-12WY Datasheet
394Kb / 9P
50 A 1200 V automotive grade SCR
07-Jan-2015
TN4050HP-12GY-TR STMICROELECTRONICS-TN4050HP-12GY-TR Datasheet
229Kb / 10P
40 A 1200 V automotive grade thyristor (SCR) in D²PAK
TN4050HP-12WY STMICROELECTRONICS-TN4050HP-12WY Datasheet
214Kb / 10P
40 A 1200 V automotive grade thyristor (SCR)
TN4050-12PI STMICROELECTRONICS-TN4050-12PI Datasheet
203Kb / 11P
40 A, 1200 V standard SCR
DS12925 - Rev 1 - February 2019
TN6050-12PI STMICROELECTRONICS-TN6050-12PI Datasheet
203Kb / 11P
60 A, 1200 V standard SCR
DS12874 - Rev 1 - December 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com