Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2540-12G Datasheet(PDF) 1 Page - STMicroelectronics

Part # TN2540-12G
Description  Standard SCR, D²PAK, 25 A, 1200 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN2540-12G Datasheet(HTML) 1 Page - STMicroelectronics

  TN2540-12G Datasheet HTML 1Page - STMicroelectronics TN2540-12G Datasheet HTML 2Page - STMicroelectronics TN2540-12G Datasheet HTML 3Page - STMicroelectronics TN2540-12G Datasheet HTML 4Page - STMicroelectronics TN2540-12G Datasheet HTML 5Page - STMicroelectronics TN2540-12G Datasheet HTML 6Page - STMicroelectronics TN2540-12G Datasheet HTML 7Page - STMicroelectronics TN2540-12G Datasheet HTML 8Page - STMicroelectronics TN2540-12G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
A
K
A
D²PAK
A
K
G
G
Features
•
Max. blocking voltage = VDRM, VRRM = 1200 V
•
IGT maximum = 40 mA
•
High static and dynamic commutation at Tj = 125 °C
–
dl/dt = 50 A/µs
–
dV/dt = 1500 V/µs
•
ECOPACK®2 compliant (RoHS and HF compliance)
Applications
•
Solar
•
Wind renewable energy inverters
•
Solid State Relay (SSR)
•
Uninterruptible Power Supply (UPS)
•
AC DC Inrush Current Limiter (ICL)
•
Battery charger
•
AC DC voltage controlled rectifier
•
Industrial welding systems
•
Off board automotive battery charger
•
Soft starter
•
General purpose motor control
Description
Available in SMD D²PAK with anode in backside.
The TN2540-12G SCR is suitable in industrial applications where high immunity is
required with a lower gate current.
Product status link
TN2540-12G
Product summary
IT(RMS)
25 A
VDRM, VRRM
1200 V
IGT
40 mA
Tj
125 °C
Standard SCR, D²PAK, 25 A, 1200 V
TN2540-12G
Datasheet
DS12791 - Rev 1 - October 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TN2540-12G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TN2540-12G ISC-TN2540-12G Datasheet
277Kb / 3P
isc Thyristors
More results

Similar Description - TN2540-12G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK IRF-IRK Datasheet
150Kb / 6P
SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
logo
Vishay Siliconix
25TTSFP VISHAY-25TTSFP Datasheet
143Kb / 7P
Phase Control SCR TO-220AB FULL-PAK, 25 A
20-Jun-08
logo
STMicroelectronics
TN3050H-12GY-TR STMICROELECTRONICS-TN3050H-12GY-TR Datasheet
417Kb / 10P
30 A - 1200 V automotive grade SCR Thyristor
03-Oct-2016
BTW69-1200N STMICROELECTRONICS-BTW69-1200N Datasheet
151Kb / 9P
50 A – 1200 V non insulated SCR thyristor
14-Jun-2013
TN5050H-12WY STMICROELECTRONICS-TN5050H-12WY Datasheet
394Kb / 9P
50 A 1200 V automotive grade SCR
07-Jan-2015
TN4050HP-12GY-TR STMICROELECTRONICS-TN4050HP-12GY-TR Datasheet
229Kb / 10P
40 A 1200 V automotive grade thyristor (SCR) in D²PAK
TN4050HP-12WY STMICROELECTRONICS-TN4050HP-12WY Datasheet
214Kb / 10P
40 A 1200 V automotive grade thyristor (SCR)
TN4050-12PI STMICROELECTRONICS-TN4050-12PI Datasheet
203Kb / 11P
40 A, 1200 V standard SCR
DS12925 - Rev 1 - February 2019
TN6050-12PI STMICROELECTRONICS-TN6050-12PI Datasheet
203Kb / 11P
60 A, 1200 V standard SCR
DS12874 - Rev 1 - December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com