Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2540-12G Datasheet(PDF) 2 Page - STMicroelectronics

Part # TN2540-12G
Description  Standard SCR, D²PAK, 25 A, 1200 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN2540-12G Datasheet(HTML) 2 Page - STMicroelectronics

  TN2540-12G Datasheet HTML 1Page - STMicroelectronics TN2540-12G Datasheet HTML 2Page - STMicroelectronics TN2540-12G Datasheet HTML 3Page - STMicroelectronics TN2540-12G Datasheet HTML 4Page - STMicroelectronics TN2540-12G Datasheet HTML 5Page - STMicroelectronics TN2540-12G Datasheet HTML 6Page - STMicroelectronics TN2540-12G Datasheet HTML 7Page - STMicroelectronics TN2540-12G Datasheet HTML 8Page - STMicroelectronics TN2540-12G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (limiting values), Tj = 25 °C unless otherwise specified
Symbol
Parameter
Value
Unit
VDRM/VRRM
Repetitive peak off-state voltage (50-60 Hz)
Tj = 125 °C
1200
V
IT(RMS)
On-state RMS current (180° conduction angle)
Tc = 102 °C
25
A
IT(AV)
Average on-state current (180° conduction angle)
16
ITSM
Non repetitive surge peak on-state current
tp = 8.3 ms
314
A
tp = 10 ms
300
I2t
I2t value for fusing
tp = 10 ms
450
A2s
dl/dt
IG = 2 x IGT, tr ≤ 100 ns
Critical rate of rise of on-state current
f = 60 Hz
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
4
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Operating junction temperature range
-40 to +125
°C
Table 2. Electrical characteristics (Tj = 25 °C unless otherwise specified)
Symbol
Test conditions
Value
Unit
IGT
VD = 12 V, RL = 33 Ω
Min.
4
mA
Max.
40
VGT
Max.
1.3
V
VGD
VD = VDRM, RL = 3.3 kΩ
Tj = 125 °C
Min.
0.2
V
IH
IT = 500 mA, gate open
Max.
80
mA
IL
IG = 1.2 x IGT
Max.
90
mA
dV/dt
VD = 67 % VDRM, gate open
Tj = 125 °C
Min.
1500
V/µs
Table 3. Static electrical characteristics
Symbol
Test conditions
Value
Unit
VTM
ITM = 50 A, tp = 380 µs
Tj = 25 °C
Max.
1.60
V
VTO
Threshold voltage
Tj = 125 °C
Max.
0.85
RD
Dynamic resistance
Tj = 125 °C
Max.
14
mΩ
IDRM, IRRM
VOUT = 1200 V
Tj = 25 °C
Max.
10
µA
Tj = 125 °C
6
mA
TN2540-12G
Characteristics
DS12791 - Rev 1
page 2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com