Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2540-12G Datasheet(PDF) 3 Page - STMicroelectronics

Part # TN2540-12G
Description  Standard SCR, D²PAK, 25 A, 1200 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN2540-12G Datasheet(HTML) 3 Page - STMicroelectronics

  TN2540-12G Datasheet HTML 1Page - STMicroelectronics TN2540-12G Datasheet HTML 2Page - STMicroelectronics TN2540-12G Datasheet HTML 3Page - STMicroelectronics TN2540-12G Datasheet HTML 4Page - STMicroelectronics TN2540-12G Datasheet HTML 5Page - STMicroelectronics TN2540-12G Datasheet HTML 6Page - STMicroelectronics TN2540-12G Datasheet HTML 7Page - STMicroelectronics TN2540-12G Datasheet HTML 8Page - STMicroelectronics TN2540-12G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Table 4. Thermal resistance parameter
Symbol
Parameter
Value
Unit
Rth(j-c)
Thermal resistance Junction to case (DC)
Max.
1.0
°C/W
1.1
Characteristics (curves)
Figure 1. Maximum average power dissipation versus
average on-state current
0
2
4
6
8
10
12
14
16
18
20
22
24
0
2
4
6
8
10
12
14
16
IT(AV)(A)
P(W)
Figure 2. Average and DC on-state current versus case
temperature
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0
25
50
75
100
125
TCASE(°C)
I
T(AV)(A)
D.C
α = 180°
Figure 3. Average and D.C. on state current versus
ambient temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
Tamb(°C)
I
T(AV)(A)
D.C
α = 180°
Figure 4. Relative variation of thermal impedance junction
to case
1.0E-02
1.0E-01
1.0E+00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
tP(s)
K=[Z
th(j-c) /Rth(j-c) ]
Zth(j-c)
TN2540-12G
Characteristics (curves)
DS12791 - Rev 1
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com