Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN4050HA-12GY Datasheet (PDF) - STMicroelectronics

TN4050HA-12GY Datasheet PDF - STMicroelectronics
Part # TN4050HA-12GY
Download  TN4050HA-12GY Download
File Size   697.27 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 A 1200 V automotive grade thyristor (SCR) in D²PAK package

TN4050HA-12GY Datasheet (PDF)

Go To PDF Page Download Datasheet
TN4050HA-12GY Datasheet PDF - STMicroelectronics

Part # TN4050HA-12GY
Download  TN4050HA-12GY Click to download

File Size   697.27 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 A 1200 V automotive grade thyristor (SCR) in D²PAK package

TN4050HA-12GY Datasheet (HTML) - STMicroelectronics


TN4050HA-12GY Product details

Features
• AEC-Q101 qualified
• Max. blocking voltage = VDRM, VRRM = 1200 V
• Max. surge voltage = VDSM, VRSM = 1400 V
• Nominal RMS on-state current: 40 ARMS
• Max. junction temperature: 150 °C
• Maximum IGT = 50 mA
• High dynamic performances at TJ = 150 °C
– Off state dV/dt = 1500 V/μs
– Turn on dI/dt = 200 A/μs
• ECOPACK2 compliant component
– RoHS
– Halogen Free molding compound

Application
• Off and on board charger
• Renewable energy inverters
• Uninterruptible power supply (UPS)
• Capacitor discharge
• Crowbar / fast discharge circuit
• Bypass solid state relay (SSR)
• AC DC inrush current limiter (ICL)
• AC DC voltage-controlled rectifier
• AC motor soft starter




Similar Part No. - TN4050HA-12GY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN4050HP-12G2YTR STMICROELECTRONICS-TN4050HP-12G2YTR Datasheet
368Kb / 11P
40 A 1200 V automotive grade thyristor (SCR)
TN4050HP-12GY-TR STMICROELECTRONICS-TN4050HP-12GY-TR Datasheet
229Kb / 10P
40 A 1200 V automotive grade thyristor (SCR) in D²PAK
TN4050HP-12L2Y STMICROELECTRONICS-TN4050HP-12L2Y Datasheet
637Kb / 12P
40 A 1200 V automotive grade thyristor (SCR)
27-May-2024
TN4050HP-12L2YTR STMICROELECTRONICS-TN4050HP-12L2YTR Datasheet
637Kb / 12P
40 A 1200 V automotive grade thyristor (SCR)
27-May-2024
TN4050HP-12WY STMICROELECTRONICS-TN4050HP-12WY Datasheet
214Kb / 10P
40 A 1200 V automotive grade thyristor (SCR)
More results


Similar Description - TN4050HA-12GY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN3050H-12GY-TR STMICROELECTRONICS-TN3050H-12GY-TR Datasheet
417Kb / 10P
30 A - 1200 V automotive grade SCR Thyristor
03-Oct-2016
TN5050H-12WY STMICROELECTRONICS-TN5050H-12WY Datasheet
394Kb / 9P
50 A 1200 V automotive grade SCR
07-Jan-2015
TN4050HP-12G2YTR STMICROELECTRONICS-TN4050HP-12G2YTR Datasheet
368Kb / 11P
40 A 1200 V automotive grade thyristor (SCR)
TN4050HP-12GY-TR STMICROELECTRONICS-TN4050HP-12GY-TR Datasheet
229Kb / 10P
40 A 1200 V automotive grade thyristor (SCR) in D²PAK
TN4050HP-12WY STMICROELECTRONICS-TN4050HP-12WY Datasheet
214Kb / 10P
40 A 1200 V automotive grade thyristor (SCR)
TN6050HP-12WY STMICROELECTRONICS-TN6050HP-12WY Datasheet
212Kb / 10P
60 A 1200 V automotive grade thyristor (SCR)
21-Sep-2021
TN2540-12G STMICROELECTRONICS-TN2540-12G Datasheet
216Kb / 10P
Standard SCR, D²PAK, 25 A, 1200 V
DS12791 - Rev 1 - October 2018
TN4050-12PI STMICROELECTRONICS-TN4050-12PI Datasheet
203Kb / 11P
40 A, 1200 V standard SCR
DS12925 - Rev 1 - February 2019
TN1605H-8G STMICROELECTRONICS-TN1605H-8G Datasheet
393Kb / 11P
16 A 800 V high temperature SCR thyristor in D²PAK package
05-Dec-2022
SCT040H120G3AG STMICROELECTRONICS-SCT040H120G3AG Datasheet
386Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 40 mΩ typ., 40 A in an H²PAK-7 package
14-Oct-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com