Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN4050HP-12L2Y Datasheet (PDF) - STMicroelectronics

TN4050HP-12L2Y Datasheet PDF - STMicroelectronics
Part # TN4050HP-12L2Y
Download  TN4050HP-12L2Y Download
File Size   637.15 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 A 1200 V automotive grade thyristor (SCR)

TN4050HP-12L2Y Datasheet (PDF)

Go To PDF Page Download Datasheet
TN4050HP-12L2Y Datasheet PDF - STMicroelectronics

Part # TN4050HP-12L2Y
Download  TN4050HP-12L2Y Click to download

File Size   637.15 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 A 1200 V automotive grade thyristor (SCR)

TN4050HP-12L2Y Datasheet (HTML) - STMicroelectronics


TN4050HP-12L2Y Product details

Features
• AEC-Q101 qualified
• High junction temperature: 150 °C
• AC off state voltage: +/- 1200 V
• Nominal on-state RMS current: 40 ARMS
• High EFT noise immunity: 1000 V/μs
• Max. gate triggering current: 50 mA
• ECOPACK2 compliant component

Application
• On board charger
• Capacitor discharge
• Overvoltage crowbar protection
• Power supplies
• AC switches
• Solid state relays




Similar Part No. - TN4050HP-12L2Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN4050HP-12G2YTR STMICROELECTRONICS-TN4050HP-12G2YTR Datasheet
368Kb / 11P
40 A 1200 V automotive grade thyristor (SCR)
TN4050HP-12GY-TR STMICROELECTRONICS-TN4050HP-12GY-TR Datasheet
229Kb / 10P
40 A 1200 V automotive grade thyristor (SCR) in D²PAK
TN4050HP-12WY STMICROELECTRONICS-TN4050HP-12WY Datasheet
214Kb / 10P
40 A 1200 V automotive grade thyristor (SCR)
More results


Similar Description - TN4050HP-12L2Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN3050H-12GY-TR STMICROELECTRONICS-TN3050H-12GY-TR Datasheet
417Kb / 10P
30 A - 1200 V automotive grade SCR Thyristor
03-Oct-2016
BTW69-1200N STMICROELECTRONICS-BTW69-1200N Datasheet
151Kb / 9P
50 A – 1200 V non insulated SCR thyristor
14-Jun-2013
TN5050H-12WY STMICROELECTRONICS-TN5050H-12WY Datasheet
394Kb / 9P
50 A 1200 V automotive grade SCR
07-Jan-2015
logo
Vishay Siliconix
VS-40TPS16L-M3 VISHAY-VS-40TPS16L-M3 Datasheet
177Kb / 7P
Thyristor High Voltage, Phase Control SCR, 40 A
31-Jul-2018
logo
STMicroelectronics
TN4050HP-12G2YTR STMICROELECTRONICS-TN4050HP-12G2YTR Datasheet
368Kb / 11P
40 A 1200 V automotive grade thyristor (SCR)
TN4050HP-12GY-TR STMICROELECTRONICS-TN4050HP-12GY-TR Datasheet
229Kb / 10P
40 A 1200 V automotive grade thyristor (SCR) in D²PAK
TN4050HP-12WY STMICROELECTRONICS-TN4050HP-12WY Datasheet
214Kb / 10P
40 A 1200 V automotive grade thyristor (SCR)
TN6050HP-12WY STMICROELECTRONICS-TN6050HP-12WY Datasheet
212Kb / 10P
60 A 1200 V automotive grade thyristor (SCR)
21-Sep-2021
TN4050-12PI STMICROELECTRONICS-TN4050-12PI Datasheet
203Kb / 11P
40 A, 1200 V standard SCR
DS12925 - Rev 1 - February 2019
TN6050-12PI STMICROELECTRONICS-TN6050-12PI Datasheet
203Kb / 11P
60 A, 1200 V standard SCR
DS12874 - Rev 1 - December 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com