Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN1605H-8G Datasheet (PDF) - STMicroelectronics

TN1605H-8G Datasheet PDF - STMicroelectronics
Part # TN1605H-8G
Download  TN1605H-8G Download
File Size   393.81 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 A 800 V high temperature SCR thyristor in D²PAK package

TN1605H-8G Datasheet (PDF)

Go To PDF Page Download Datasheet
TN1605H-8G Datasheet PDF - STMicroelectronics

Part # TN1605H-8G
Download  TN1605H-8G Click to download

File Size   393.81 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 A 800 V high temperature SCR thyristor in D²PAK package

TN1605H-8G Datasheet (HTML) - STMicroelectronics


TN1605H-8G Product details

Features
• High junction temperature: Tjmax. = 150 °C
• VDRM / VRRM = 800 V
• VDSM / VRSM = 900 V
• Tight IGT spread: 5 to 8 mA
• High static immunity dV/dt = 500 V/μs at 150 °C
• High turn-on rise dI/dt at 100 A/μs
• Halogen-free molding, lead-free plating
• ECOPACK2 compliant

Applications
• Inrush current limiting circuits in AC/DC converters
• General purpose AC line load switching
• Heating resistor control, solid state relays
• Crowbar and power bus discharge circuits

Description
Thanks to its operating junction temperature up to 150°C, the TN1605H-8G offers
high thermal performance operation up to 16 A rms in a D²PAK SMD package.
Its trade-off noise immunity (dV/dt = 500 V/μs) versus its gate triggering current
(maximum IGT = 8 mA) and its turn-on current rise (dI/dt = 100 A/μs) allows to design
robust and compact control circuit in AC/DC converters for inrush current limiting
circuits and industrial drives, such as overvoltage crowbar protection, motor control
circuits and power tools.




Similar Part No. - TN1605H-8G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1605H-8I STMICROELECTRONICS-TN1605H-8I Datasheet
348Kb / 10P
16 A 800 V high temperature SCR thyristor in TO-220AB insulated package
05-Dec-2022
TN1605H-8T STMICROELECTRONICS-TN1605H-8T Datasheet
383Kb / 10P
16 A 800 V high temperature SCR thyristor in TO-220AB package
05-Dec-2022
More results


Similar Description - TN1605H-8G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16TTS12PBF VISHAY-VS-16TTS12PBF Datasheet
182Kb / 7P
Thyristor High Voltage, Phase Control SCR, 16 A
26-Jul-13
VS-16TTSPBF VISHAY-VS-16TTSPBF Datasheet
160Kb / 7P
Thyristor High Voltage, Phase Control SCR, 16 A
28-Sep-17
logo
STMicroelectronics
TN4050HP-12GY-TR STMICROELECTRONICS-TN4050HP-12GY-TR Datasheet
229Kb / 10P
40 A 1200 V automotive grade thyristor (SCR) in D²PAK
TN1610H-6I STMICROELECTRONICS-TN1610H-6I Datasheet
224Kb / 10P
16 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
logo
Vishay Siliconix
VS-16TTS08-M3 VISHAY-VS-16TTS08-M3 Datasheet
206Kb / 7P
Thyristor High Voltage, Phase Control SCR, 16 A
29-Nov-2021
logo
STMicroelectronics
T1610T-8G STMICROELECTRONICS-T1610T-8G Datasheet
237Kb / 12P
16 A - 800 V logic level T-series Triac in D²PAK
29-Oct-2020
T2035H-8G STMICROELECTRONICS-T2035H-8G Datasheet
272Kb / 12P
20 A - 800 V - 150 °C 8H Triac in D²PAK
21-Dec-2020
TN2540-12G STMICROELECTRONICS-TN2540-12G Datasheet
216Kb / 10P
Standard SCR, D²PAK, 25 A, 1200 V
DS12791 - Rev 1 - October 2018
TN1605H-8I STMICROELECTRONICS-TN1605H-8I Datasheet
348Kb / 10P
16 A 800 V high temperature SCR thyristor in TO-220AB insulated package
05-Dec-2022
TN1605H-8T STMICROELECTRONICS-TN1605H-8T Datasheet
383Kb / 10P
16 A 800 V high temperature SCR thyristor in TO-220AB package
05-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com