Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1610T-8G Datasheet (PDF) - STMicroelectronics

T1610T-8G Datasheet PDF - STMicroelectronics
Part # T1610T-8G
Download  T1610T-8G Download
File Size   237.42 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 A - 800 V logic level T-series Triac in D²PAK

T1610T-8G Datasheet (PDF)

Go To PDF Page Download Datasheet
T1610T-8G Datasheet PDF - STMicroelectronics

Part # T1610T-8G
Download  T1610T-8G Click to download

File Size   237.42 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 A - 800 V logic level T-series Triac in D²PAK

T1610T-8G Datasheet (HTML) - STMicroelectronics


T1610T-8G Product details

Features
• 150 °C maximum junction temperature
• Three quadrants
• High commutation on resistive loads
• Surge capability VDSM, VRSM = 900 V
• Benefits:
– Easy direct control by MCU thanks to low 10 mA IGT
– Increase of thermal margin due to extended working Tj up to 150 °C

Applications
• General purpose AC line load switching
• Small home appliances with resistive loads
• Hybrid relays
• Inrush current limiting circuits
• Overvoltage crowbar protection

Description
The SMD T1610T-8G Triac can be used for the on/off or phase angle control function
in general purpose AC switching with resistive loads. A Logic level T-series Triac, the
T1610T-8G can be controlled directly from an MCU with a simplified circuit. T-series
triacs are optimized for high EMI constraints.
The surface mount D2PAK package enables compact SMT designs for automated
manufacturing.
D2PAK package's molding compound resin is halogen-free and meets UL94
flammability standard level V0.
Package environmentally friendly Ecopack2 graded (RoHS and Halogen Free
compliance).




Similar Part No. - T1610T-8G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T1610T-8G ISC-T1610T-8G Datasheet
320Kb / 3P
isc Triacs
More results


Similar Description - T1610T-8G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
Logic level 16 A Triac
April 2012 Rev 3
T610T-8FP STMICROELECTRONICS-T610T-8FP Datasheet
356Kb / 9P
6 A logic level Triac
12-Feb-2015
T1635H-8G STMICROELECTRONICS-T1635H-8G Datasheet
299Kb / 12P
16 A - 800 V - 150 °C H-series Triac in D2PAK
27-Jan-2020
T1635H-8T STMICROELECTRONICS-T1635H-8T Datasheet
302Kb / 11P
16 A - 800 V - 150 °C H-series Triac in TO-220AB
24-Jan-2020
T2535T-8G STMICROELECTRONICS-T2535T-8G Datasheet
234Kb / 12P
25 A - 800 V - T-series Triac in D²PAK
23-Sep-2020
T2535T-8I STMICROELECTRONICS-T2535T-8I Datasheet
242Kb / 11P
25 A - 800 V - T-series Triac in TO-220AB insulated
23-Sep-2020
T2535T-8T STMICROELECTRONICS-T2535T-8T Datasheet
242Kb / 11P
25 A - 800 V - T-series Triac in TO-220AB
23-Sep-2020
T1635T-8G STMICROELECTRONICS-T1635T-8G Datasheet
860Kb / 12P
16 A - 800 V - D2PAK Snubberless™Triac
Rev 1 - September 2018
T2035H-8G STMICROELECTRONICS-T2035H-8G Datasheet
272Kb / 12P
20 A - 800 V - 150 °C 8H Triac in D²PAK
21-Dec-2020
TN1605H-8G STMICROELECTRONICS-TN1605H-8G Datasheet
393Kb / 11P
16 A 800 V high temperature SCR thyristor in D²PAK package
05-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com