Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1610T-8G Datasheet(PDF) 3 Page - STMicroelectronics

Part # T1610T-8G
Description  16 A - 800 V logic level T-series Triac in D²PAK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1610T-8G Datasheet(HTML) 3 Page - STMicroelectronics

  T1610T-8G Datasheet HTML 1Page - STMicroelectronics T1610T-8G Datasheet HTML 2Page - STMicroelectronics T1610T-8G Datasheet HTML 3Page - STMicroelectronics T1610T-8G Datasheet HTML 4Page - STMicroelectronics T1610T-8G Datasheet HTML 5Page - STMicroelectronics T1610T-8G Datasheet HTML 6Page - STMicroelectronics T1610T-8G Datasheet HTML 7Page - STMicroelectronics T1610T-8G Datasheet HTML 8Page - STMicroelectronics T1610T-8G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Table 3. Static characteristics
Symbol
Test conditions
Tj
Value
Unit
VTM (1)
IT = 22.6 A, tp = 380 µs
25 °C
Max.
1.55
V
VTO(1)
Threshold on-state voltage
150 °C
Max.
0.85
V
RD(1)
Dynamic resistance
150 °C
Max.
34
mΩ
IDRM/IRRM
VDRM = VRRM = 800 V
25 °C
Max.
5
µA
125°C
1.0
mA
VDRM = VRRM = 600 V
150 °C
Max.
3.6
mA
1. For both polarities of A2 referenced to A1.
Table 4. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
D2PAK
Max.
1.15
°C/W
Rth(j-a)
Junction to ambient (SCU (1) = 2 cm2)
Typ.
45
°C/W
1. Scu : copper pad surface under tab, 35 μm copper thickness on FR4 PCB.
T1610T-8G
Characteristics
DS12532 - Rev 3
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com