Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2535T-8G Datasheet (PDF) - STMicroelectronics

T2535T-8G Datasheet PDF - STMicroelectronics
Part # T2535T-8G
Download  T2535T-8G Download
File Size   234.69 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25 A - 800 V - T-series Triac in D²PAK

T2535T-8G Datasheet (PDF)

Go To PDF Page Download Datasheet
T2535T-8G Datasheet PDF - STMicroelectronics

Part # T2535T-8G
Download  T2535T-8G Click to download

File Size   234.69 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25 A - 800 V - T-series Triac in D²PAK

T2535T-8G Datasheet (HTML) - STMicroelectronics


T2535T-8G Product details

Description
The T2535T-8G Triac in SMD D2PAK package can be used for the on/off or phase angle control function in general purpose AC switching. Based on the ST Snubberless technology, it offers higher specified turn-off commutation and noise immunity levels up to 150 °C. SMD D2PAK package is suitable for automatic assembly line. The T2535T-8G safely optimizes the control of the motors and heaters loads for the most constraining environments of home appliances. Product status link T2535T-8G Product summary IT(RMS) 25 A VDRM, VRRM 800 V VDSM, VRSM 900 V IGT 35 mA 25 A - 800 V - T-series Triac in D²PAK T2535T-8G Datasheet DS13451 - Rev 1 - September 2020 For further information contact your local STMicroelectronics sales office.

Features
■ 25 A medium current Triac
■ 150 °C maximum junction temperature TJ
■ Surge capability VDSM, VRSM = 900 V
■ Three triggering quadrants
■ High noise immunity - static dV/dt
■ Robust dynamic turn-off commutation - (dI/dt)c
■ ECOPACK2 compliant component

Applications
■ General purpose AC line load control
■ AC induction and universal motor control
■ Heating: water heater, e-bidet
■ Power tools
■ Cooker, oven
■ Lighting and automation I/O control
■ Inrush current limiting circuits
■ Overvoltage crowbar protection




Similar Part No. - T2535T-8G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2535T-8I STMICROELECTRONICS-T2535T-8I Datasheet
242Kb / 11P
25 A - 800 V - T-series Triac in TO-220AB insulated
23-Sep-2020
T2535T-8T STMICROELECTRONICS-T2535T-8T Datasheet
242Kb / 11P
25 A - 800 V - T-series Triac in TO-220AB
23-Sep-2020
More results


Similar Description - T2535T-8G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635H-8G STMICROELECTRONICS-T1635H-8G Datasheet
299Kb / 12P
16 A - 800 V - 150 °C H-series Triac in D2PAK
27-Jan-2020
T1635H-8T STMICROELECTRONICS-T1635H-8T Datasheet
302Kb / 11P
16 A - 800 V - 150 °C H-series Triac in TO-220AB
24-Jan-2020
T835H-8G STMICROELECTRONICS-T835H-8G Datasheet
263Kb / 12P
8 A - 800 V - 150 °C 8H Triac in D2PAK
Rev 2 - December 2020
T1235H-8G STMICROELECTRONICS-T1235H-8G Datasheet
268Kb / 12P
12 A - 800 V - 150 °C 8H Triac in D2PAK
Rev 2 - December 2020
T2535T-8I STMICROELECTRONICS-T2535T-8I Datasheet
242Kb / 11P
25 A - 800 V - T-series Triac in TO-220AB insulated
23-Sep-2020
T2535T-8T STMICROELECTRONICS-T2535T-8T Datasheet
242Kb / 11P
25 A - 800 V - T-series Triac in TO-220AB
23-Sep-2020
T1610T-8G STMICROELECTRONICS-T1610T-8G Datasheet
237Kb / 12P
16 A - 800 V logic level T-series Triac in D²PAK
29-Oct-2020
T2035H-8G STMICROELECTRONICS-T2035H-8G Datasheet
272Kb / 12P
20 A - 800 V - 150 °C 8H Triac in D²PAK
21-Dec-2020
TN2540-12G STMICROELECTRONICS-TN2540-12G Datasheet
216Kb / 10P
Standard SCR, D²PAK, 25 A, 1200 V
DS12791 - Rev 1 - October 2018
TN1605H-8G STMICROELECTRONICS-TN1605H-8G Datasheet
393Kb / 11P
16 A 800 V high temperature SCR thyristor in D²PAK package
05-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com