Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN4050-12PI Datasheet(PDF) 2 Page - STMicroelectronics

Part # TN4050-12PI
Description  40 A, 1200 V standard SCR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN4050-12PI Datasheet(HTML) 2 Page - STMicroelectronics

  TN4050-12PI Datasheet HTML 1Page - STMicroelectronics TN4050-12PI Datasheet HTML 2Page - STMicroelectronics TN4050-12PI Datasheet HTML 3Page - STMicroelectronics TN4050-12PI Datasheet HTML 4Page - STMicroelectronics TN4050-12PI Datasheet HTML 5Page - STMicroelectronics TN4050-12PI Datasheet HTML 6Page - STMicroelectronics TN4050-12PI Datasheet HTML 7Page - STMicroelectronics TN4050-12PI Datasheet HTML 8Page - STMicroelectronics TN4050-12PI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
On-state RMS current (180 ° conduction angle)
Tc = 82.5 °C
40
A
IT(AV)
Average on-state current (180 ° conduction angle)
25
ITSM
Non repetitive surge peak on-state current ( Tj initial = 25 °C)
tp = 8.3 ms
420
A
tp = 10 ms
400
I2t
I2t value for fusing
tp = 10 ms
800
A2s
dl/dt
Critical rate of rise of on-state current
IG = 100 mA, dIg/dt = 1 A/µs
f = 60 Hz
Tj = 125 °C
100
A/µs
IGM
Maximum peak positive gate current
tp = 20 µs
Tj = 125 °C
8
A
VGM
Maximum peak positive gate voltage
5
V
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
VRGM
Maximum peak reverse gate voltage
3.5
V
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Operating junction temperature range
-40 to +125
Table 2. Electrical characteristics (Tj = 25 °C unless otherwise specified)
Symbol
Test conditions
Value
Unit
IGT
VD = 12 V, RL = 33 Ω
Min.
10
mA
Max.
50
VGT
Max.
1.5
V
VGD
VD = VDRM, RL = 3.3 kΩ
Tj = 125 °C
Min.
0.2
V
IH
IT = 500 mA, gate open
Max.
100
mA
IL
IG = 1.2 x IGT
Max.
130
mA
dV/dt
VD = 67% VDRM, gate open
Tj = 125 °C
Min.
2
kV/µs
tgt
IT = 40 A, VD = VDRM, IG = 200 mA, (dIG/dt) max = 0.2 A/µs
Typ.
2
µs
tq
ITM = 40 A, VD = 800 V, dlTM/dt = 30 A/µs, VR = 75 V, dVD/dt = 20 V/µs
Tj = 125 °C
Typ.
100
µs
Table 3. Static characteristics
Symbol
Test conditions
Value
Unit
VTM
ITM = 80 A, tp = 380 µs
Tj = 25 °C
Max.
1.75
V
VTO
Threshold voltage
Tj = 125 °C
Max.
0.9
RD
Dynamic resistance
Tj = 125 °C
Max.
9.8
mΩ
IDRM, IRRM
VDRM = VRRM = 1200 V
Tj = 25 °C
Max.
10
µA
Tj = 125 °C
5
mA
TN4050-12PI
Characteristics
DS12925 - Rev 1
page 2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com